Electronic Components Datasheet Search
  English  ▼

X  

4309 Datasheet(PDF) 2 Page - Mallory performance club

Part # 4309
Description  3-PORT COMPETITION FUEL PRESSURE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

4309 Datasheet(HTML) 2 Page - Mallory performance club

  4309 Datasheet HTML 1Page - Mallory performance club 4309 Datasheet HTML 2Page - Mallory performance club 4309 Datasheet HTML 3Page - Mallory performance club 4309 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FUEL RETURN LINE SIZE
RECOMMENDATIONS
Fuel Return Line
Length/ Distance
16 – 20’
11 – 15’
6 – 10’
1 – 5’
FUEL PUMP GALLONS PER HOUR (FREE FLOW)
1 TO 99
100 TO 129
130 TO 199
1/2î
1/2 ”
5/8”
3/8”
1/2”
5/8”
3/8”
1/2”
1/2”
3/8” = #6AN
1/2” = #8AN
5/8” = #10AN
MALLORY COMP PUMP® 110 AND 140
SERIES ELECTRIC FUEL PUMP SUGGESTED
MODIFICATION ONLY WHEN USING RETURN
STYLE REGULATORS(See Figure 1)
Step 1
Release the jam nut on the bypass plug. Remove the
bypass plug. Remove the bypass spring and plunger.
Save the bypass spring for possible future use.
Step 2
Inspect the bypass plunger. The bypass plunger sur-
face should be clean and slide freely in the chamber.
Check the bypass plunger pad and remove any
debris embedded in its surface.
Step 3
Install the bypass plunger pad in the bypass plunger.
Install the bypass plunger and bypass spacer. Clean
the bypass plug.
Step 4
Apply thread sealant compound on the bypass plug.
You can find thread sealant compound at a hardware
store. Do not use Teflon tape.
Step 5
Install the bypass plug. Gently tighten bypass plug
until you feel it lock (torque to 5 in/lbs). Install and
tighten the jam nut.
MOUNTING PROCEDURE
The regulator may be mounted at any angle. For
maximum efficiency, mount the regulator as close as
possible to the carburetors.
DO NOT mount the regulator on or near exhaust manifolds. A
bracket is provided for convenient mounting under an intake
bolt.
FITTINGS, FUEL LINES AND FUEL RETURN
LINE
The fuel return line should be as large, or larger, as
the fuel line between the fuel pump and the regulator.
See Figure 3.
Purchase fittings (and plugs). Use a thread sealant
compound on the fitting threads. You can find thread
sealant compound at a hardware store. Do not use
Teflon tape. Install the fittings. Do not overtighten the
fittings. This could damage the regulator. Connect the
fuel lines and fuel return line. See Figure 3A-3C.
2
www.malloryracing.com
MALLORY IGNITION
FIGURE 1
FIGURE 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com