Electronic Components Datasheet Search
  English  ▼

X  

HPD65 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HPD65
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HPD65 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HPD65 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HPD65 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-33-
H HiTRON
UNIVERSAL AC INPUT HARMONIC CORRECTION
AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS
SWITCHING MODE POWER SUPPLIES HPD65 SERIES
FEATURES:
ACCOMMODATE UNIVERSAL AC INPUT
MEET IEC 61000-3-2 HARMONIC
CORRECTION
MEET UNIVERSAL SAFETY STANDARDS
AND INDUSTRIAL UL 508
INDUSTRIAL POWER SUPPLIES FOR
SNAP-ON MOUNTING ON DIN-RAILS
EMI MEET EN 55022 CLASS B
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typ. 90-264Vac universal AC input.
Input Connector: M-T plug connector.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 15A @ 230Vac.
Input Current: Typ. 0.7A @ 115Vac/0.38A @ 230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet EN 55022/FCC Class B.
Power Factor Correction: Meet Harmonic Correction
per IEC 61000-3-2.PF typ.0.93-0.99
No Load Operation: No damage.
Hold-up Time: Typ. 60mS @ 115Vac & 230Vac.
Earth Leakage: Less than 0.70mA @ 230VAC.
GENERAL SPECIFICATION
Efficiency: Typ. 75-78%.
Switching Frequency: Fixed frequency 65.7KHz.
Circuit Topology: Fixed freq. forward circuit.
Transient Response: Peak transient about 95mV and
recovers within 12mS following 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 2.76Watts /Cubic Inch.
Industrial Grade UL 508.
Operating Temperature: -10 to +70°C.
Derating from +60 to +70°C by derating 2%/°C.
Storage Temperature: -25 to +85°C.
Temperature Coefficient: Typ. 0.03% /°C.
Cooling: Free air convection cooling for Ta < +60°C.
Moving air is request for Ta >+ 60°C full load operation.
Construction format: Enclosure metal box
with DIN-clips format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application
OUTPUT SPECIFICATION
Output Voltage: See Ratings Charts.
Output Current: See Ratings Charts.
Output Wattage: Typ. 60W continuous.
Output Connector: M-T plug connector.
Line Regulation: Typ. 0.1%.
Load Regulation: Typ. ± 1.0-1.5%
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in.(Latch).
Adjustment: Available.
LED Indicator: Installed.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
Typically set at 135% max. load.
Consult the factory for special OLP setting.


Similar Part No. - HPD65

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HPD VISHAY-HPD Datasheet
112Kb / 2P
High Voltage Disc Capcitors, Screw mounting
21-Feb-02
HPD VISHAY-HPD Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
logo
HOKURIKU ELECTRIC INDUS...
HPD-100A-C05 HOKURIKU-HPD-100A-C05 Datasheet
199Kb / 1P
Barometric Pressure Sensor
HPD-40GF HOKURIKU-HPD-40GF Datasheet
193Kb / 1P
Pressure Sensor
logo
Vishay Siliconix
HPD021WP35138AX1 VISHAY-HPD021WP35138AX1 Datasheet
87Kb / 4P
High Voltage Disc Capacitors, 20 kVDC Screw Mounting, Class 2 Ceramic
11-Sep-15
More results

Similar Description - HPD65

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HPU60 TOTAL-POWER-HPU60 Datasheet
367Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19 COMPATIBLE EUROCARD 60 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HPU60 SERIES
logo
HITRON ELECTRONICS CORP...
HID35 HITRON-HID35 Datasheet
279Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 30 WATTS SWITCHING MODE POWER SUPPLIES
HID60 HITRON-HID60 Datasheet
256Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HID65 HITRON-HID65 Datasheet
269Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 65 WATTS SWITCHING MODE POWER SUPPLIES
HID125 HITRON-HID125 Datasheet
251Kb / 2P
UNIVERSAL AC INPUT AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
HPD100 HITRON-HPD100 Datasheet
272Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HPD125 HITRON-HPD125 Datasheet
282Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
HPD150 HITRON-HPD150 Datasheet
226Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
HPU60 HITRON-HPU60 Datasheet
250Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HPU100 HITRON-HPU100 Datasheet
305Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com