Electronic Components Datasheet Search
  English  ▼

X  

HPD100 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HPD100
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HPD100 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HPD100 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HPD100 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-36-
OUTPUT VOLTAGE/CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 670g (23.63 Oz.)
SINGLE OUTPUT
MAIN O/P @★
MODEL NO.
Typ.
Volt.
Peak
HPD100-S120084
8.4A
12.0V
9.6A
HPD100-S240042
4.2A
24.0V
4.8A
HPD100-S480021
2.1A
48.0V
2.4A
Symbol: "@" Adjustable. "★" OVP built-in.
Remark: Peak load less than 60 sec. With duty cycle < 10%.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC-COM
CONNECTOR & PIN #
P1-3
P1-2
P1-1
P2-3, 4
P2-1, 2
Mating connector: P1: Phoenix GMSTB2.5/3-ST-7.62
P2: Phoenix MSTB2.5/4-ST-5.08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com