Electronic Components Datasheet Search
  English  ▼

X  

HPD125 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HPD125
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN-RAIL SINGLE OUTPUT 120 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HPD125 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HPD125 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HPD125 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-40-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 850.0g(29.98 Oz.)
SINGLE OUTPUT
MAIN VO1 @★
MODEL NO.
Typ.
Volt.
Peak
HPD125-S120100
10.0A
12.0V
12.0A
HPD125-S240050
5.0A
24.0V
6.0A
HPD125-S480025
2.5A
48.0V
3.0A
Symbol: "★" OVP built-in.. "@" Adjustable.
Remark: Peak load less than 60sec. with duty cycle <10%.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC-COM
CNTR & PIN #
P1-3(L)
P1-2(N)
P1-1(G)
P2-3,4
P2-1,2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com