Electronic Components Datasheet Search
  English  ▼

X  

HPD150 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HPD150
Description  UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC INDUSTRIAL DIN- RAIL SINGLE OUTPUT 150 WATTS ACTIVE CURRENT SHARING SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HPD150 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HPD150 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HPD150 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-42-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.13kg(2.51 lb.)
SINGLE OUTPUT
MAIN VO1 @ ★(≡)#
MODEL NO.
TYP.
VOLT.
PEAK
HPD150-S120125
12.5A
12.0V
15.0A
HPD150-S240065
6.5A
24.0V
7.5A
HPD150-S480034
3.4A
48.0V
4.0A
Symbol: "(≡)" Active circuit current sharing. (Option) "★" OVP built-in.
"#" Remote sensing. "@" Adjustable.
Remark: Peak load less than 60sec. with duty cycle <10%.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT
AC-L
AC-N
AC-G
VO1
DC-COM
-SENSING
+SENSING
INHIBIT
C/S
CNTR & PIN #
P1-L
P1-N
P1-G
P2-4,5,6
P2-1,2,3
P3-1
P3-2
P3-3
P3-4
Mating connector: P1 :Phoenix GMSTB2.5/3-ST-7.62
P2: Phoenix MSTB2.5/2-ST-5.08



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com