Electronic Components Datasheet Search
  English  ▼

X  

HSU160 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HSU160
Description  AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD SINGLE OUTPUT 160 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HSU160 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HSU160 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HSU160 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-54-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
SINGLE OUTPUT
MAIN VO1
@#
MODEL NO.
Typ.
Volt.
HSU160-10
30.0A
5.0V
HSU160-11
12.5A
12.0V
HSU160-12
10.0A
15.0V
HSU160-13
6.2A
24.0V
HSU160-14
5.3A
28.0V
HSU160-15
3.2A
48.0V
Symbols: " " OVP built-in. "@" Adjustable. "#" Remote Sense.
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 1.08 kg (2.38 lb.)
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE OUTPUT
ASSORTED SIGNAL
ASSIGNMENT
AC LINE
AC NEUTRAL
AC-GROUND
VO1
DC COM
NC
+SENSE
-SENSE
CONNECTOR & PIN#
26,28
30
32
4,6
12,14
16,18,20,22,24
8
10
Mating connector: DIN41612-H15 Female



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com