Electronic Components Datasheet Search
  English  ▼

X  

HSU200 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HSU200
Description  AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HSU200 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HSU200 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HSU200 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-55-
H HiTRON
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE
EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE
POWER SUPPLIES HSU200 SERIES
FEATURES:
AUTO-RANGING AC INPUT
19" COMPATIBLE EUROCARD FORMAT
MEET THE SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS A
CE MARKING COMPLIANCE
6U X 12HP X 160MM DOUBLE EUROCARD
VMEbus STANDARD
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Auto-ranging 115Vac(90-132Vac) and
230Vac(180-264Vac).
Transient threshold typ. 150Vac.
Input Connector: DIN 41612 at rear.
Input Frequency: 47-63Hz
Inrush Current: Typ. 65.0A @ 230Vac.
Input Current: Typ. 3.3A@115Vac /1.6A@230Vac.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class A.
Hold-up Time: Typ. 26mS.
Power OK: Installed
Remote Inhibit: Installed.
Over Temp. Protection (OTP): Installed (Thermostat).
Power-On LED: Installed.
Earth leakage: Typ. 0.3 mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 200 Watts.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.2%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±1-2.0%(MA).
Aux. VO3 typ. ±2-3.0%(PR).
Aux. VO4 typ. ±2-3.0%(PR).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Available at main VO1 & Aux.VO2.
Adjustability: Available at VO1 & VO2.
Remote Sense: Installed at main VO1.
Output LED Indicators: Installed for all outputs.
Overload Protection (OLP): Fully protected against
output overload and short circuit. Typ. 130% full load.
Consult the factory for special OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 76-77.0%.
Switching Frequency: Typ. 100K Hz.
Circuit Topology: Forward circuit.
Transient Response: Output voltage returns in less than
1.5mS following a 25% load change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 1.30 Watts / Cubic Inch.
Operating Temperature: 0 to +50°C at full load. Derates
linearly to +70°C at half load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: Free air convection.
Construction format: 12HP(TE) x 6U compatible double
Eurocard VMEbus standard format.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.
In application


Similar Part No. - HSU200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HSU200 TOTAL-POWER-HSU200 Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
HSU200-40 TOTAL-POWER-HSU200-40 Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
HSU200-42 TOTAL-POWER-HSU200-42 Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
HSU200-Q TOTAL-POWER-HSU200-Q Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
HSU200-Q033EII TOTAL-POWER-HSU200-Q033EII Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
More results

Similar Description - HSU200

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HSU160 TOTAL-POWER-HSU160 Datasheet
135Kb / 2P
AUTO-RANGING AC INPUT AC-DC SINGLE OUTPUT 160 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU160 SERIES
HSU200 TOTAL-POWER-HSU200 Datasheet
225Kb / 2P
AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
logo
HITRON ELECTRONICS CORP...
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
HPU60 HITRON-HPU60 Datasheet
250Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HPU100 HITRON-HPU100 Datasheet
305Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HSU160 HITRON-HSU160 Datasheet
232Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD SINGLE OUTPUT 160 WATTS SWITCHING MODE POWER SUPPLIES
HSU300 HITRON-HSU300 Datasheet
230Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
HSU360 HITRON-HSU360 Datasheet
318Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES
HSU45 HITRON-HSU45 Datasheet
341Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
TPSU-160 TOTAL-POWER-TPSU-160 Datasheet
287Kb / 2P
AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com