Electronic Components Datasheet Search
  English  ▼

X  

HVI13 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVI13
Description  UNIVERSAL INPUT AC-DC PCB OPEN FRAME SINGLE & DUAL OUTPUT 13-15 WATTS INTERNAL SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVI13 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVI13 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVI13 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-6-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 62.0g (2.19 Oz.)
SINGLE OUTPUT
MAIN VO1
MODEL NO.
Typ.
Volt
Peak
HVI13-S033030
3.0A
3.3V
3.7A
HVI13-S050028
2.8A
5.0V
3.4A
HVI13-S120012
1.2A
12.0V
1.5A
HVI13-S150010
1.0A
15.0V
1.2A
HVI13-S240006
0.6A
24.0V
0.8A
HVI13-S480003
0.3A
48.0V
0.4A
DUAL OUTPUT
MAIN VO1
AUX. VO2 †
MODEL NO.
Typ.
Volt.
Max.
Typ.
Volt.
Max.
HVI13-D033I
2.5A
+3.3V
3.5A
0.4A
+12V
0.5A
HVI13-D033K
2.5A
+3.3V
3.5A
0.3A
+15V
0.4A
HVI13-D033M
2.5A
+3.3V
3.5A
0.2A
+24V
0.2A
HVI13-D050I
2.0A
+5.0V
2.5A
0.4A
+12V
0.5A
HVI13-D050K
2.0A
+5.0V
2.5A
0.3A
+15V
0.4A
HVI13-D050M
2.0A
+5.0V
2.5A
0.2A
+24V
0.2A
Symbol: " " OVP built-in. "†" Stacked on main output.
Remark: (1) At least 20% of typical main output current is required to maintain stated regulation.
(2) Peak output, less than 60 Sec. with 10% duty cycle.
(3) Max. current can't be drawn from all output at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE OUTPUT
DUAL OUTPUT
ASSIGNMENT
AC-LINE
AC-NEUTRAL
+VO1
DC-COM
VO1
VO2
DC-COM
CONNECTOR & PIN #
P1-L
P1-N
P2-4,5
P2-1,2
P2-4,5
P2-3
P2-1,2
Mating connector: Molex 5051series or equivalent.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com