Electronic Components Datasheet Search
  English  ▼

X  

HVP149 Datasheet(PDF) 2 Page - HITRON ELECTRONICS CORPORTION

Part # HVP149
Description  UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HVP149 Datasheet(HTML) 2 Page - HITRON ELECTRONICS CORPORTION

  HVP149 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HVP149 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-52-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 960.5g (33.88 Oz)
DUAL OUTPUT(Under forced air cooling)
MAIN VO1 @★#≡
AUX. VO2 @★▲#≡
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HVP149-20
30A
+5.0V
10A
+5.0V
HVP149-21
30A
+5.0V
5A
+12.0V
HVP149-22
30A
+5.0V
5A
+15.0V
HVP149-23
30A
+5.0V
3A
+24.0V
HVP149-290A
30A
+5.0V
15A
+3.3V
HVP149-290B
30A
+3.3V
8A
+5.0V
HVP149-291
30A
+3.3V
5A
+12.0V
HVP149-292
30A
+3.3V
4A
+15.0V
HVP149-293
30A
+3.3V
3A
+24.0V
SINGLE OUTPUT(Under forced air cooling)
MAIN VO1 @★#≡
MODEL NO.
Typ.
Volt.
HVP149-S033350
35.00A
+3.3V
HVP149-S050300
30.00A
+5.0V
HVP149-S120150
15.00A
+12.0V
HVP149-S240075
7.50A
+24.0V
HVP149-S480375
3.75A
+48.0V
TRIPLE OUTPUT(Under forced air cooling)
MAIN VO1 @★#≡
AUX. VO2 @★#≡▲
MAIN ±VO3 @★◇
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP149-30
30.0A
+5.0V
4.0A
+12.0V
3.0A
12.0V
HVP149-31
30.0A
+5.0V
4.0A
+12.0V
6.0A
5.0V
HVP149-T050IM
17.5A
+5.0V
4.0A
+12.0V
2.0A
24.0V
HVP149-32
30.0A
+5.0V
2.5A
+24.0V
3.0A
12.0V
HVP149-33
30.0A
+5.0V
4.0A
+15.0V
3.0A
15.0V
HVP149-390A
30.0A
+5.0V
12.0A
+3.3V
3.0A
12.0V
HVP149-390B
30.0A
+3.3V
8.0A
+5.0V
3.0A
12.0V
HVP149-391A
30.0A
+5.0V
12.0A
+3.3V
3.0A
15.0V
HVP149-391B
30.0A
+3.3V
8.0A
+5.0V
3.0A
15.0V
QUAD OUTPUT(Under forced air cooling)
MAIN VO1 @★#≡
AUX. VO2 @★#≡▲
MAIN ±VO3@ ★◇‖
AUX. ±VO4 ◇(●or‖)
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HVP149-40
30A
+5.0V
8.0A
+12.0V
2.0A
12.0V
2.0A
12.0V
HVP149-41
30A
+5.0V
8.0A
+12.0V
4.0A
5.0V
3.0A
5.0V
HVP149-Q050IIE
30A
+5.0V
8.0A
+12.0V
3.0A
12.0V
2.0A
5.0V
HVP149-42
30A
+5.0V
4.0A
+24.0V
2.0A
12.0V
2.0A
12.0V
HVP149-43
30A
+5.0V
6.0A
+15.0V
2.0A
12.0V
1.5A
15.0V
HVP149-490A
30A
+5.0V
15.0A
+3.3V
2.0A
12.0V
2.0A
12.0V
HVP149-490B
30A
+3.3V
15.0A
+5.0V
2.0A
12.0V
2.0A
12.0V
HVP149-491A
30A
+5.0V
15.0A
+3.3V
1.5A
15.0V
1.5A
15.0V
HVP149-491B
30A
+3.3V
15.0A
+5.0V
1.5A
15.0V
1.5A
15.0V
HVP149-Q025DIE
30A
+2.5V
15.0A
+3.3V
4.0A
12.0V
2.0A
5.0V
Symbol: "★" OVP built-in. "@" Adjustable. "◇" Floating but not isolated output. "●" Installed with Post Regulator (P.R.). "#" Remote sensing.
"▲" Installed with magnetic amplifier. "±" Positive or Negative selectable (factory set). "≡" Active circuit current sharing. "‖" Double Feedback.
Remark: VO1 andVO2 total continual output current ≦30A. VO3 and VO4 total continual output current ≦5A. Max. total output power: 150W.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC INPUT
SINGLE/DUAL/ TRIPLE/ QUAD OUTPUT
ASSORTED SIGNALS
ASSIGNMENT
AC-
LINE
AC-
NEUTRAL
AC-
GROUND
+VO1
VO2
DC-
COM
VO3
-VO3
VO4
-VO4
DC-COM ENABLE
POWERFAIL
DC-OK
+5VS.B.
VO2
≡ VO2+S
VO1
≡ VO1/VO2–S VO1+S
CNTR&PIN#
P1-L
P1-N
P1-G
P2-2
P2-3
P2-1
P3-1,2
P3-3,4
P3-5
P3-6
P4-1
P4-2
P4-3
P4-4
P4-5
P4-6
P4-7
P4-8
P4-9
P4-10
Mating connector P1 & P3: Molex 5195 or 5239 series, P4: Molex 5264 series or equivalent.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com