Electronic Components Datasheet Search
  English  ▼

X  

2605 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2605
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2605 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2605 Datasheet HTML 1Page - KR Electronics, Inc. 2605 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
CH1
S 21
log MAG
.1 dB/
REF -.7 dB
START
.100 000 MHz
STOP
6.000 000 MHz
Cor
Smo
PRm
CH2
S 21
delay
REF 455 ns
10 ns/
Cor
Smo
PRm
9 May 2005 15:00:45
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
.100 000 MHz
STOP 20.000 000 MHz
Cor
PRm
9 May 2005 15:01:37
KR 2605 Video Lowpass Filter
KR 2605 is a 6 MHz lowpass filter suitable for video applica-
tions. Other bandwidths available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Elliptic Lowpass
• Sharp Transition to Stopband
• Group Delay Equalization
• >50 dB Stopband
• 75 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.1 dB/div & 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2605

ManufacturerPart #DatasheetDescription
logo
Heyco.
2605 HEYCO-2605 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
List of Unclassifed Man...
26050 ETC2-26050 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
Wiha Tools
26050 WIHA-26050 Datasheet
413Kb / 1P
SCREWDRIVERS AND NUT DRIVERS
logo
Integrated Technology F...
260501B ITF-260501B Datasheet
209Kb / 5P
SAW Bandpass Filter
2006-06-21
logo
Wurth Elektronik GmbH &...
2605031141000 WURTH-2605031141000 Datasheet
423Kb / 6P
WIRL-PRO4 Radio module 434MHz
001.053
More results

Similar Description - 2605

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com