Electronic Components Datasheet Search
  English  ▼

X  

2606 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2606
Description  Notch Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2606 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2606 Datasheet HTML 1Page - KR Electronics, Inc. 2606 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER
5.000 000 MHz
SPAN
4.000 000 MHz
Cor
PRm
9 May 2005 15:47:52
KR Electronics 2606 Notch Filter
KR 2606 is a 5 MHz notch filter. The filter is designed for 50
Ω
source and load impedance. Other notch frequencies, bandwidths
and impedances are available. Please consult the factory.
General Description
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
KR Electronics, Inc.
Features
Features
Features
Features
• Notch Filter
• 50 Ω
• DIP Package
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response


Similar Part No. - 2606

ManufacturerPart #DatasheetDescription
logo
Bi technologies
2606 BITECH-2606 Datasheet
49Kb / 2P
Turns Counting Dial
logo
TT Electronics.
2606 TTELEC-2606 Datasheet
486Kb / 2P
Turn Counting Dial
logo
Heyco.
2606 HEYCO-2606 Datasheet
136Kb / 1P
Halogen and Phosphorus-Free 94V-0 Hole Plugs
logo
AG Electronica
2606 AGELECTRONICA-2606 Datasheet
220Kb / 2P
DIAL CUENTA VUELTAS DE UN TORNILLO 20 VUELTAS DE 7/8”
23/01/2020
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
5 MHz Notch Filter
More results

Similar Description - 2606

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355-50 KR-2355-50 Datasheet
19Kb / 2P
Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
Notch Filter
2496 KR-2496 Datasheet
20Kb / 2P
Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
Notch Filter
2520-5 KR-2520-5 Datasheet
44Kb / 2P
Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
Notch Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com