Electronic Components Datasheet Search
  English  ▼

X  

2625 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2625
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2625 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2625 Datasheet HTML 1Page - KR Electronics, Inc. 2625 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
KR Electronics, Inc.
KR 2625 is a 30 MHz differential bandpass filter. The filter is
designed for 100
Ω differential source and load impedance.
Other frequencies, bandwidths and impedances are available.
Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Differential Bandpass Filter
• 100 Ω
• DIP Package
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
CH1
S 21
log MAG
1 dB/
REF -4 dB
CENTER 30.000 000 MHz
SPAN
2.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 290 ns
20 ns/
Cor
Smo
PRm
13 Oct 2005 16:47:17
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START 10.000 000 MHz
STOP 300.000 000 MHz
PRm
15 Nov 2007 12:05:37
Passband Amplitude & Group Delay
(1 dB/div )
Overall Response
(10 dB/div)


Similar Part No. - 2625

ManufacturerPart #DatasheetDescription
logo
Heyco.
2625 HEYCO-2625 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Weidmuller
2625000000 WEIDMULLER-2625000000 Datasheet
253Kb / 4P
TGD FIM-C
2625010000 WEIDMULLER-2625010000 Datasheet
390Kb / 4P
Remote I/O fieldbus coupler, IP20, CC-Link
November 4, 2021
logo
Marathon Special Produc...
2625201 MARATHON-2625201 Datasheet
415Kb / 4P
30 Amps 1500 Volts DC
2625202 MARATHON-2625202 Datasheet
415Kb / 4P
30 Amps 1500 Volts DC
More results

Similar Description - 2625

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com