Electronic Components Datasheet Search
  English  ▼

X  

TL-SCSI285 Datasheet(PDF) 3 Page - Texas Instruments

Part # TL-SCSI285
Description  FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL-SCSI285 Datasheet(HTML) 3 Page - Texas Instruments

  TL-SCSI285 Datasheet HTML 1Page - Texas Instruments TL-SCSI285 Datasheet HTML 2Page - Texas Instruments TL-SCSI285 Datasheet HTML 3Page - Texas Instruments TL-SCSI285 Datasheet HTML 4Page - Texas Instruments TL-SCSI285 Datasheet HTML 5Page - Texas Instruments TL-SCSI285 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TL-SCSI285
FIXED-VOLTAGE REGULATORS
FOR SCSI ACTIVE TERMINATION
SLVS065F – NOVEMBER 1991 – REVISED JULY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VI = 4.5 V, IO = 500 mA, TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL-SCSI285PW
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO =20mAto500 mA
VI =3 55Vto5 5V
TJ = 25°C
2.82
2.85
2.88
V
Output voltage
IO = 20 mA to 500 mA,
VI = 3.55 V to 5.5 V
TJ = 0 to 125°C
2.79
2.91
V
Input regulation
VI = 3.55 V to 5.5 V
5
15
mV
Ripple rejection
f = 120 Hz,
Vripple = 1 VO(PP)
–62
dB
Output regulation
IO = 20 mA to 500 mA
5
30
mV
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
Dropout voltage
IO = 500 mA
0.7
V
IO = 0
2
5
Bias current
IO = 27 mA, equivalent 1 line asserted
3
6
mA
IO = 500 mA, equivalent 18 lines asserted (8-bit)
26
49
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22.0-µF tantalum capacitor
with equivalent series resistance of 1.5
Ω on the output.
electrical characteristics, VI = 4.5 V, IO = 500 mA, TJ = 25°C
PARAMETER
TEST CONDITIONS†
TL-SCSI285Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Output voltage
IO = 20 mA to 500 mA,
VI = 3.55 V to 5.5 V
2.85
V
Input regulation
VI = 3.55 V to 5.5 V
5
mV
Ripple rejection
f = 120 Hz,
Vripple = 1 VO(PP)
–62
dB
Output regulation
IO = 20 mA to 620 mA
5
mV
Output regulation
IO = 20 mA to 500 mA
5
mV
Output noise voltage
f = 10 Hz to 100 kHz
500
µV
IO = 0
2
Bias current
IO = 27 mA, equivalent 1 line asserted
3
mA
Bias current
IO = 500 mA, equivalent 18 lines asserted (8-bit)
26
mA
IO = 620 mA
37
† Pulse-testing techniques are used to maintain the virtual junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
µF capacitor across the input and a 22.0-µF tantalum capacitor
with equivalent series resistance of 1.5
Ω on the output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com