Electronic Components Datasheet Search
  English  ▼

X  

2715 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2715
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2715 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2715 Datasheet HTML 1Page - KR Electronics, Inc. 2715 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
CENTER 22.000 000 MHz
SPAN
4.000 000 MHz
Cor
Del
PRm
CH2
S 21
delay
REF 160 ns
20 ns/
Cor
Smo
PRm
28 Jul 2006 12:52:12
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
1.000 000 MHz
STOP 100.000 000 MHz
Cor
PRm
28 Jul 2006 12:52:55
KR Electronics
KR 2715 is a 22 MHz bandpass filter. The filter has a minimum
0.7 dB bandwidth of 4 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• SMA Connectors
• Sharp Transition to Stopband
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div and 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2715

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2715 YANTEL-2715 Datasheet
161Kb / 2P
SMD RF Manual Tunable Inductor
logo
Heyco.
2715 HEYCO-2715 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Wiha Tools
27150 WIHA-27150 Datasheet
56Kb / 1P
Screwdriver SoftFinish ESD
logo
PHOENIX CONTACT
2715092 PHOENIX-2715092 Datasheet
129Kb / 6P
DIKD 1,5-PV
logo
Belden Inc.
27150A BELDEN-27150A Datasheet
157Kb / 2P
TC VN/PVC, 3G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results

Similar Description - 2715

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com