Electronic Components Datasheet Search
  English  ▼

X  

8350 Datasheet(PDF) 3 Page - 3M Electronics

Part # 8350
Description  3M™ D Sub Socket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8350 Datasheet(HTML) 3 Page - 3M Electronics

  8350 Datasheet HTML 1Page - 3M Electronics 8350 Datasheet HTML 2Page - 3M Electronics 8350 Datasheet HTML 3Page - 3M Electronics 8350 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ D Sub Socket
50 Position
8350 Series
Mounting
Method*
Contact
Quantity
Dimensions
A1
B1
C1
D1
E1
F1
G1
Rear
50
2.218
[ 56.34 ]
1.109
[ 28.17 ]
2.40
[ 61.0 ]
1.20
[ 30.48 ]
0.525
[ 13.34 ]
0.26
[ 6.60 ]
0.120
[ 3.05 ]
TS-0034-19
Sheet 3 of 3
Strain Relief
(Order Separately or with Connector)
Material: Stainless Steel
2.81
[ 71.4 ]
.102
[ 2.6 ]
.65
[ 16.5 ]
.31
[ 7.9 ]
10
° 0° Typ
A1
F1
E1
Alternate
GI Radius
Typ
D1
C1
B1
R .032 Max. Typ
[ 0.81 ]
.120
[ 3.05 ]
.060
[ 1.52 ]
Full Radius
* Rear Mount - The connector is mounted behind the panel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com