Electronic Components Datasheet Search
  English  ▼

X  

2742 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2742
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2742 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2742 Datasheet HTML 1Page - KR Electronics, Inc. 2742 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 44.000 000 MHz
SPAN 18.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 60 ns
40 ns/
Cor
PRm
17 Nov 2006 10:14:36
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
START 10.000 000 MHz
STOP 100.000 000 MHz
Cor
PRm
17 Nov 2006 10:16:33
1
2
3
1_:-1.0605 dB
44.000 000 MHz
2_:-87.401 dB
22 MHz
3_:-84.942 dB
66 MHz
KR Electronics
KR 2742 is a 44 MHz bandpass filter. The filter has a minimum
3 dB bandwidth of 15 MHz (18 MHz typical). Other passband
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 44 MHz Center Frequency
• Sharp Transition to Stopband
• High Stopband Attenuation
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 40 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2742

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
2742 PULSE-2742 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Heyco.
2742 HEYCO-2742 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Winchester Electronics ...
27420 WINCHESTER-27420 Datasheet
89Kb / 1P
RECEPTACLE C TEL SHIELD 085 x 160 GRID
logo
Presto International UK...
27420 PRESTO-27420 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2742036 PHOENIX-2742036 Datasheet
56Kb / 4P
The brake module is a passive, electronic brake control switch which can be snapped on the power-level terminal block using a 3-pos. inverted COMBICON plug.
More results

Similar Description - 2742

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com