Electronic Components Datasheet Search
  English  ▼

X  

TL082 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL082
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL082 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL082 Datasheet HTML 6Page - Texas Instruments TL082 Datasheet HTML 7Page - Texas Instruments TL082 Datasheet HTML 8Page - Texas Instruments TL082 Datasheet HTML 9Page - Texas Instruments TL082 Datasheet HTML 10Page - Texas Instruments TL082 Datasheet HTML 11Page - Texas Instruments TL082 Datasheet HTML 12Page - Texas Instruments TL082 Datasheet HTML 13Page - Texas Instruments TL082 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL082Y, TL084, TL084A, TL084B, TL084Y
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081E – FEBRUARY 1977 – REVISED FEBRUARY 1999
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL082Y, TL084Y
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
3
15
mV
αVIO
Temperature coefficient of input offset voltage
VO = 0,
RS = 50 Ω
18
µV/°C
IIO
Input offset current‡
VO = 0,
5
200
pA
IIB
Input bias current‡
VO = 0,
30
400
pA
VICR
Common-mode input voltage range
±11
–12
to
15
V
VOM
Maximum peak output voltage swing
RL = 10 kΩ,
±12
±13.5
V
AVD
Large-signal differential voltage amplification
VO = ± 10 V,
RL ≥ 2 kΩ
25
200
V/mV
B1
Unity-gain bandwidth
3
MHz
ri
Input resistance
1012
Ω
CMRR
Common mode rejection ratio
VIC = VICRmin,
VO = 0,
70
86
dB
CMRR
Common-mode rejection ratio
IC
ICR
,
RS = 50 Ω
O
,
70
86
dB
kSVR
Supply voltage rejection ratio (
∆VCC± /∆VIO)
VCC = ± 15 V to ± 9 V,
70
86
dB
kSVR
Supply voltage rejection ratio (
∆VCC± /∆VIO)
CC
,
VO = 0,
RS = 50 Ω
70
86
dB
ICC
Supply current (per amplifier)
VO = 0,
No load
1.4
2.8
mA
VO1/VO2 Crosstalk attenuation
AVD = 100
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 17. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as possible.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
8
13
V/
µs
tr
Rise time
VI =20mV
RL =2kΩ
CL = 100 pF
See Figure 1
0.05
µs
Overshoot factor
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF,
See Figure 1
20%
V
Equivalent input noise voltage
RS =20 Ω
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω
f = 10 Hz to 10 kHz
4
µV
In
Equivalent input noise current
RS = 20 Ω,
f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VIrms = 6 V,
f = 1 kHz
AVD = 1,
RS ≤ 1 kΩ,
RL ≥ 2 kΩ,
0.003%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com