Electronic Components Datasheet Search
  English  ▼

X  

TL054ID Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TL054ID
Description  ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL054ID Datasheet(HTML) 30 Page - Texas Instruments

Back Button TL054ID Datasheet HTML 26Page - Texas Instruments TL054ID Datasheet HTML 27Page - Texas Instruments TL054ID Datasheet HTML 28Page - Texas Instruments TL054ID Datasheet HTML 29Page - Texas Instruments TL054ID Datasheet HTML 30Page - Texas Instruments TL054ID Datasheet HTML 31Page - Texas Instruments TL054ID Datasheet HTML 32Page - Texas Instruments TL054ID Datasheet HTML 33Page - Texas Instruments TL054ID Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
TL05x, TL05xA, TL05xY
ENHANCED-JFET LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS178 – FEBRUARY 1997
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL054Y electrical characteristics, TA = 25°C
TL054Y
PARAMETER
TEST CONDITIONS
VCC
± = ± 5 V
VCC
± = ± 15 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
VIC = 0,
0.64
0.56
mV
IIO
Input offset current
VO = 0,
VIC = 0,
See Figure 5
4
5
pA
IIB
Input bias current
VO = 0,
VIC = 0,
See Figure 5
20
30
pA
VICR
Common-mode input voltage range
– 2.3
to
5.6
– 12.3
to
15.6
V
VOM
Maximum positive peak
RL = 10 kΩ
4.2
13.9
V
VOM +
output voltage swing
RL = 2 kΩ
3.8
12.7
V
VOM
Maximum negative peak
RL = 10 kΩ
– 3.5
– 13.2
V
VOM –
g
output voltage swing
RL = 2 kΩ
– 3.2
–12
V
AVD
Large-signal differential
voltage amplification†
RL = 2 kΩ,
72
133
V/mV
ri
Input resistance
1012
1012
Ω
ci
Input capacitance
10
12
pF
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO = 0,
RS = 50 Ω
84
92
dB
kSVR
Supply-voltage rejection
ratio (
∆VCC± /∆VIO)
VCC
± = ±5 V to ±15 V,
VO = 0,
RS = 50 Ω
99
99
dB
ICC
Supply current
(four amplifiers)
VO = 0,
No load
8.1
8.4
mA
VO1 /VO2 Crosstalk attenuation
AVD = 100
120
120
dB
† For VCC± = ±5 V, VO = ±2.3 V, at VCC± = ±15 V, VO = ±10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com