Electronic Components Datasheet Search
  English  ▼

X  

GAUG-2000 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # GAUG-2000
Description  0-2000 psig Analog Test Gauge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

GAUG-2000 Datasheet(HTML) 1 Page - Ralston Instruments.

  GAUG-2000 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GAUG-2000
Part No.
GAUG-2000
0-2000 psig Analog Test Gauge
Analog test gauges are convenient for field
calibrations. A knife-edge pointer and mirrored
band make reading the gauge very easy. An
economical choice for calibrating pressure
instruments.
Features
• 316 Stainless steel wetted parts
• 304 Stainless steel case
• Safety glass window
• White aluminum dial with mirrored band
• Black adjustable pointer with knife edge
Specifications
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Pressure Range
0 to 2000 psig
Accuracy
±0.25% of Full Scale (ASME B40.1 Grade 3A)
Process Connection
1/4" male NPT bottom connection
Units of Measure
psig
Dial Size
4 in (10.16 cm)
Mirror Band
Yes
Temperature range
-40 to 140 °F (-40 to 60 °C)
Construction
Stainless Steel
Seal materials
Buna-N
Gauge type
Analog


Similar Part No. - GAUG-2000

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUG-0015 RALSTON-GAUG-0015 Datasheet
336Kb / 1P
0-15 psig Analog Test Gauge
GAUG-0030 RALSTON-GAUG-0030 Datasheet
336Kb / 1P
0-30 psig Analog Test Gauge
GAUG-0060 RALSTON-GAUG-0060 Datasheet
336Kb / 1P
0-60 psig Analog Test Gauge
GAUG-0100 RALSTON-GAUG-0100 Datasheet
336Kb / 1P
0-100 psig Analog Test Gauge
GAUG-0100I RALSTON-GAUG-0100I Datasheet
346Kb / 1P
0-100 Inch H20 Analog Pressure Gauge
More results

Similar Description - GAUG-2000

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
GAUG-0015 RALSTON-GAUG-0015 Datasheet
336Kb / 1P
0-15 psig Analog Test Gauge
GAUG-0030 RALSTON-GAUG-0030 Datasheet
336Kb / 1P
0-30 psig Analog Test Gauge
GAUG-0060 RALSTON-GAUG-0060 Datasheet
336Kb / 1P
0-60 psig Analog Test Gauge
GAUG-0100 RALSTON-GAUG-0100 Datasheet
336Kb / 1P
0-100 psig Analog Test Gauge
GAUG-0160 RALSTON-GAUG-0160 Datasheet
336Kb / 1P
0-160 psig Analog Test Gauge
GAUG-0200 RALSTON-GAUG-0200 Datasheet
336Kb / 1P
0-200 psig Analog Test Gauge
GAUG-0600 RALSTON-GAUG-0600 Datasheet
336Kb / 1P
0-600 psig Analog Test Gauge
GAUG-1000 RALSTON-GAUG-1000 Datasheet
336Kb / 1P
0-1000 psig Analog Test Gauge
GAUG-3000 RALSTON-GAUG-3000 Datasheet
336Kb / 1P
0-3000 psig Analog Test Gauge
GAUG-5000 RALSTON-GAUG-5000 Datasheet
336Kb / 1P
0-5000 psig Analog Test Gauge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com