Electronic Components Datasheet Search
  English  ▼

X  

BC182 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC182
Description  Amplifier Transistors(NPN)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC182 Datasheet(HTML) 1 Page - Motorola, Inc

  BC182 Datasheet HTML 1Page - Motorola, Inc BC182 Datasheet HTML 2Page - Motorola, Inc BC182 Datasheet HTML 3Page - Motorola, Inc BC182 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
BC
182
BC
183
BC
184
Unit
Collector – Emitter Voltage
VCEO
50
30
30
Vdc
Collector – Base Voltage
VCBO
60
45
45
Vdc
Emitter – Base Voltage
VEBO
6.0
Vdc
Collector Current — Continuous
IC
100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
Thermal Resistance, Junction to Case
RqJC
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 2.0 mA, IB = 0)
BC182
BC183
BC184
V(BR)CEO
50
30
30
—
—
—
—
—
—
V
Collector – Base Breakdown Voltage
(IC = 10 mA, IE = 0)
BC182
BC183
BC184
V(BR)CBO
60
45
45
—
—
—
—
—
—
V
Emitter – Base Breakdown Voltage
(IE = 100 mA, IC = 0)
V(BR)EBO
6.0
—
—
V
Collector Cutoff Current
(VCB = 50 V, VBE = 0)
BC182
(VCB = 30 V, VBE = 0)
BC183
BC184
ICBO
—
—
—
0.2
0.2
0.2
15
15
15
nA
Emitter–Base Leakage Current
(VEB = 4.0 V, IC = 0)
IEBO
—
—
15
nA
Order this document
by BC182/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC182,A,B
BC183
BC184
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC182

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
356Kb / 6P
AMPLIFIER TRANSISTOR(NPN)
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
51Kb / 4P
NPN General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
BC182 SEMTECH_ELEC-BC182 Datasheet
140Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Continental Device Indi...
BC182 CDIL-BC182 Datasheet
118Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC182

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
Amplifier Transistors(NPN Silicon)
1996
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
Amplifier Transistors(NPN Silicon)
1996 REV 1
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
Amplifier Transistors(NPN Silicon)
1996
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
NPN Transistors Darlington Amplifier
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
NPN Silicon Amplifier Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com