Electronic Components Datasheet Search
  English  ▼

X  

TL16C554 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C554
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C554 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TL16C554 Datasheet HTML 24Page - Texas Instruments TL16C554 Datasheet HTML 25Page - Texas Instruments TL16C554 Datasheet HTML 26Page - Texas Instruments TL16C554 Datasheet HTML 27Page - Texas Instruments TL16C554 Datasheet HTML 28Page - Texas Instruments TL16C554 Datasheet HTML 29Page - Texas Instruments TL16C554 Datasheet HTML 30Page - Texas Instruments TL16C554 Datasheet HTML 31Page - Texas Instruments TL16C554 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
TL16C554, TL16C554I
ASYNCHRONOUS COMMUNICATIONS ELEMENT
SLLS165D – JANUARY 1994 – REVISED JULY 1998
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
programmable baud rate generator (continued)
Table 11. Baud Rates Using an 16-MHz Clock
BAUD RATE
DESIRED
DIVISOR (N) USED TO
GENERATE 16
× CLOCK
PERCENT ERROR DIFFERENCE
BETWEEN DESIRED AND ACTUAL
50
20000
0
75
13334
0.00
110
9090
0.01
134.5
7434
0.01
150
6666
0.01
300
3334
– 0.02
600
1666
0.04
1200
834
– 0.08
1800
554
0.28
2000
500
0.00
2400
416
0.16
3600
278
– 0.08
4800
208
0.16
7200
138
0.64
9600
104
0.16
19200
52
0.16
38400
26
0.16
56000
18
– 0.79
128000
8
– 2.34
256000
4
– 2.34
512000
2
– 2.34
1000000
1
0.00
receiver
Serial asynchronous data is input into the RXx terminal. The ACE continually searches for a high-to-low
transition from the idle state. When the transition is detected, a counter is reset and counts the 16
× clock to
7 1/2, which is the center of the start bit. The start bit is valid when the RXx is still low. Verifying the start bits
prevents the receiver from assembling a false data character due to a low going noise spike on the RXx input.
The LCR determines the number of data bits in a character (LCR0, LCR1). When parity is enabled, LCR3 and
the polarity of parity LCR4 are needed. Status for the receiver is provided in the LSR. When a full character is
received including parity and stop bits, the data received indicator in LSR0 is set. The CPU reads the RBR, which
clears LSR0. If the character is not read prior to a new character transfer from the RSR to the RBR, the overrun
error status indicator is set in LSR1. If there is a parity error, the parity error is set in LSR2. If a stop bit is not
detected, a framing error indicator is set in LSR3.
In the FIFO mode operation, the data character and the associated error bits are stored in the receiver FIFO.
If the data into RXx is a symmetrical square wave, the center of the data cells occurs within
±3.125% of the actual
center, providing an error margin of 46.875%. The start bit can begin as much as one 16
× clock cycle prior to
being detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com