Electronic Components Datasheet Search
  English  ▼

X  

TA550C Datasheet(PDF) 32 Page - Texas Instruments

Part # TA550C
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TA550C Datasheet(HTML) 32 Page - Texas Instruments

Back Button TA550C Datasheet HTML 28Page - Texas Instruments TA550C Datasheet HTML 29Page - Texas Instruments TA550C Datasheet HTML 30Page - Texas Instruments TA550C Datasheet HTML 31Page - Texas Instruments TA550C Datasheet HTML 32Page - Texas Instruments TA550C Datasheet HTML 33Page - Texas Instruments TA550C Datasheet HTML 34Page - Texas Instruments TA550C Datasheet HTML 35Page - Texas Instruments TA550C Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177F – MARCH 1994 – REVISED MARCH 2001
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
modem status register (MSR) (continued)
D Bit 3: This bit is the change in data carrier detect (∆DCD) indicator. ∆DCD indicates that the DCD input to
the chip has changed state since the last time it was read by the CPU. When
∆DCD is set and the modem
status interrupt is enabled, a modem status interrupt is generated.
D Bit 4: This bit is the complement of the clear-to-send (CTS) input. When the ACE is in the diagnostic test
mode (LOOP [MCR4] = 1), this bit is equal to the MCR bit 1 (RTS).
D Bit 5: This bit is the complement of the data set ready (DSR) input. When the ACE is in the diagnostic test
mode (LOOP [MCR4] = 1), this bit is equal to the MCR bit 0 (DTR).
D Bit 6: This bit is the complement of the ring indicator (RI) input. When the ACE is in the diagnostic test mode
(LOOP [MCR4] = 1), this bit is equal to the MCR bit 2 (OUT1).
D Bit 7: This bit is the complement of the data carrier detect (DCD) input. When the ACE is in the diagnostic
test mode (LOOP [MCR4] = 1), this bit is equal to the MCR bit 3 (OUT2).
programmable baud generator
The ACE contains a programmable baud generator that takes a clock input in the range between dc and 16 MHz
and divides it by a divisor in the range between 1 and (216 –1). The output frequency of the baud generator is
sixteen times (16
×) the baud rate. The formula for the divisor is:
divisor = XIN frequency input
÷ (desired baud rate × 16)
Two 8-bit registers, called divisor latches, store the divisor in a 16-bit binary format. These divisor latches must
be loaded during initialization of the ACE in order to ensure desired operation of the baud generator. When either
of the divisor latches is loaded, a 16-bit baud counter is also loaded to prevent long counts on initial load.
Tables 9 and 10 illustrate the use of the baud generator with crystal frequencies of 1.8432 MHz and 3.072 MHz
respectively. For baud rates of 38.4 kbits/s and below, the error obtained is very small. The accuracy of the
selected baud rate is dependent on the selected crystal frequency (refer to Figure 23 for examples of typical
clock circuits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com