Electronic Components Datasheet Search
  English  ▼

X  

MBR1545 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # MBR1545
Description  Chips for Schottky Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

MBR1545 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  MBR1545 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MBR1545
Chips for Schottky Diodes
Chip Specification
General Description:
Schottky Diode chips with Mo-barrier for switch mode power
rectifiers with the following features:
* Guard-ring for stress protection
* Extremely low forward voltage
* 125 ℃
℃
℃
℃ operation junction temperature
* reverse avalanche behavior
Mechanical Data:
MBR1545 passivated Silicon Chip
Dimension(mil):
105X105 mil
Thickness:
350 +- 20
µm
Metallization:
Top ( Anode ) :
AlAg
Bottom ( Cathode) : TiNiAg
Forward Current (A):
15A
Reverse Voltage (V):
>45V
Type
Chip
VF(V)@25 C
VF(V)@125 C
IRM@VRMM
size(mil)
at If =15A
at If =15A
at 25 C
MBR1545
105X105 690mV
600mV
0,6mA
* expected value for recommended assembling with both side soldering
Typical device :MBR1545
Note: Other voltages & Top Metal AL are available


Similar Part No. - MBR1545

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR1545 FAIRCHILD-MBR1545 Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR1545 MCC-MBR1545 Datasheet
98Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
MBR1545 CHENYI-MBR1545 Datasheet
74Kb / 2P
15Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBR1545 MCC-MBR1545 Datasheet
101Kb / 3P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Kersemi Electronic Co.,...
MBR1545 KERSEMI-MBR1545 Datasheet
831Kb / 2P
Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR1545

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
MBR1025 GSG-MBR1025 Datasheet
96Kb / 1P
Chips for Schottky Diodes
MBR1045 GSG-MBR1045 Datasheet
75Kb / 1P
Chips for Schottky Diodes
MBR2045 GSG-MBR2045 Datasheet
76Kb / 1P
Chips for Schottky Diodes
MBR3045 GSG-MBR3045 Datasheet
76Kb / 1P
Chips for Schottky Diodes
MBR4045 GSG-MBR4045 Datasheet
76Kb / 1P
Chips for Schottky Diodes
SB120-1.1 GSG-SB120-1.1 Datasheet
299Kb / 1P
Chips for Schottky Diodes
SB120-1.3 GSG-SB120-1.3 Datasheet
250Kb / 1P
Chips for Schottky Diodes
SB220-1.5 GSG-SB220-1.5 Datasheet
187Kb / 1P
Chips for Schottky Diodes
SB320-1.8 GSG-SB320-1.8 Datasheet
208Kb / 1P
Chips for Schottky Diodes
SB520-2.0 GSG-SB520-2.0 Datasheet
197Kb / 1P
Chips for Schottky Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com