Electronic Components Datasheet Search
  English  ▼

X  

HC49SD Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # HC49SD
Description  Low Profile SM Resistance Weld Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

HC49SD Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  HC49SD Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Crystal
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
HC49SD
Low Profile SM Resistance Weld Crystal
The HC49SD series is a miniature AT or BT cut strip resonator
crystal housed in low profile for surface mounting. The parts
present a proven metal package technology with a precision
molded base and universal contact configuration.
Specifications:
HC-49SD
Frequency Range:
3.2 MHz ~ 40 MHz Fundamental
20 MHz ~ 70 MHz Overtone
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C
-L
Storage Temperature:
-55
°C ~ +125°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Frequency Stability:
± 50 ppm
-50
(over temperature range)
± 30 ppm
-30
± 20 ppm
-20
± 10 ppm
-10
Circuit Condition:
10 pF ~ 32 pF or series
Equivalent Series Resistance:
Maximum resistance
corresponds to frequency.
Please see ESR table.
Drive Level:
1.0 mW max
All dimensions are in mm
Shunt Capacitance:
7 pF max
Ordering Information
Aging:
± 5 ppm max per year
Optional Features:
Fundamental
-F
3
rd,5th,7th O.T.
-3,5,7
Tape & Reel
-TR
Note:
1.
Other frequencies, tolerances, stabilities, and operating temperature ranges
available. Consult VTC Support for specific requirements.
2.
Not all combinations of the above tolerances, stabilities, and temperature ranges
are available. Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + CL + Operating Temperature
Range + Tolerance + Stability + Other Code +
Frequency.
i.e. HC49SD-20-C-30-30-F-24.000MHz
HC49SD


Similar Part No. - HC49SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC49SD ETC2-HC49SD Datasheet
69Kb / 1P
RESISTANCE WELD SMD CRYSTAL
logo
Fox Electronics
HC49SD FOX-HC49SD Datasheet
70Kb / 1P
RESISTANCE WELD SMD CRYSTAL
logo
Vanlong Technology Co.,...
HC49SD VANLONG-HC49SD Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
logo
Fox Electronics
HC49SDLF FOX-HC49SDLF Datasheet
175Kb / 2P
Resistance Weld SMD Crystal
HC49SDLF FOX-HC49SDLF Datasheet
449Kb / 2P
Resistance Weld SMD Crystal
More results

Similar Description - HC49SD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HHS2700F-20-SM ETC2-HHS2700F-20-SM Datasheet
47Kb / 1P
RESISTANCE WELD CRYSTAL
logo
Fox Electronics
HC49SPX FOX-HC49SPX Datasheet
77Kb / 1P
RESISTANCE WELD LOW PROFILE CRYSTAL
HC49SSLF FOX-HC49SSLF Datasheet
136Kb / 1P
Resistance Weld Low Profile Crystal
logo
Vanlong Technology Co.,...
HC49L VANLONG-HC49L Datasheet
34Kb / 1P
Low Profile Resistance Weld Crystal
HC49LD VANLONG-HC49LD Datasheet
35Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49S VANLONG-HC49S Datasheet
32Kb / 1P
Low Profile Resistance Weld Crystal
HC49L VANLONG-HC49L_13 Datasheet
31Kb / 1P
Low Profile Resistance Weld Crystal
HC49LD VANLONG-HC49LD_13 Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
HC49S VANLONG-HC49S_13 Datasheet
46Kb / 1P
Low Profile Resistance Weld Crystal
HC49SD VANLONG-HC49SD_13 Datasheet
42Kb / 1P
Low Profile SM Resistance Weld Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com