Electronic Components Datasheet Search
  English  ▼

X  

FG2000FX-50DA Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FG2000FX-50DA
Description  HIGH POWER INVERTER USE PRESS PACK TYPE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FG2000FX-50DA Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FG2000FX-50DA Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FG2000FX-50DA Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FG2000FX-50DA Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FG2000FX-50DA Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug.1998
100
23
5 7 101
8
4
23
5 7 102
12
16
20
0
0
1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0
104
7
5
3
2
103
7
5
3
2
102
7
5
3
2
101
Tj = 125°C
100
23
102
57 103 23 5 7 104 23 5 7 105
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
VFGM = 10V
VGT = 1.5V
PFG(AV) = 50W
IFGM = 100A
Tj = 25°C
PFGM = 280W
IGT = 2500mA
0.020
0
23
10–3
5710–2
23
100
57101
23 5 710–1 23 5 7 100
0.008
0.012
0.016
0.004
ON-STATE VOLTAGE (V)
MAXIMUM ON-STATE CHARACTERISTIC
CONDUCTION TIME
(CYCLES AT 60Hz)
RATED SURGE ON-STATE CURRENT
GATE CURRENT (mA)
GATE CHARACTERISTICS
TIME (S)
MAXIMUM THERMAL IMPEDANCE
CHARACTERISTIC
(JUNCTION TO FIN)
2.4
50
50
50
—
10
—
1.5
2500
0.017
V
mA
mA
mA
V/
µs
µs
A
V
mA
°C/W
On-state voltage
Repetitive peak reverse current
Repetitive peak off-state current
Reverse gate current
Critical rate of rise of off-state voltage
Turn-on time
Peak gate turn-off current
Gate trigger voltage
Gate trigger current
Thermal resistance
Tj = 125
°C, ITM = 2000A, Instantaneous measurment
Tj = 125
°C, VRRM Applied
Tj = 125
°C, VDRM Applied, VGK = –2V
Tj = 125
°C, VRG = 17V
Tj = 125
°C, VD = 1250V, VGK = –2V
Tj = 125
°C, ITM = 2200A, IGM = 30A, VD = 1250V
Junction to fin
MITSUBISHI GATE TURN-OFF THYRISTORS
FG2000FX-50DA
HIGH POWER INVERTER USE
PRESS PACK TYPE
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test conditions
Limits
Min
Typ
Max
Unit
VTM
IRRM
IDRM
IRG
dv/dt
tgt
IGQM
VGT
IGT
Rth(j-f)
tgq
Turn-off time
Tj = 125
°C, ITM = 2200A, VDM = 1875V, diGQ/dt = –30A/µs
VRG = 17V, CS = 4.0
µF, LS = 0.3µH
DC METHOD : VD = 24V, RL = 0.1
Ω, Tj = 25°C
—
—30
µs
—
—
—
—
—
—
610
—
—
—
—
—
—
—
1000
—
—
—
—
—
PERFORMANCE CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com