Electronic Components Datasheet Search
  English  ▼

X  

BC212 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC212
Description  Amlifier Transistors (PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC212 Datasheet(HTML) 1 Page - Motorola, Inc

  BC212 Datasheet HTML 1Page - Motorola, Inc BC212 Datasheet HTML 2Page - Motorola, Inc BC212 Datasheet HTML 3Page - Motorola, Inc BC212 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC
212
BC
213
BC
214
Unit
Collector – Emitter Voltage
VCEO
–50
–30
–30
Vdc
Collector – Base Voltage
VCBO
–60
–45
–45
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
Thermal Resistance, Junction to Case
RqJC
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector – Emitter Breakdown Voltage
BC212
(IC = –2.0 mAdc, IB = 0)
BC213
BC214
V(BR)CEO
–50
–30
–30
—
—
—
—
—
—
Vdc
Collector – Base Breakdown Voltage
BC212
(IC = –10 mA, IE = 0)
BC213
BC214
V(BR)CBO
–60
–45
–45
—
—
—
—
—
—
Vdc
Emitter – Base Breakdown Voltage
BC212
(IE = –10 mAdc, IC = 0)
BC213
BC214
V(BR)EBO
–5
–5
–5
—
—
—
—
—
—
Vdc
Collector–Emitter Leakage Current
BC212
(VCB = –30 V)
BC213
BC214
ICBO
—
—
—
—
—
—
–15
–15
–15
nAdc
Emitter–Base Leakage Current
BC212
(VEB = –4.0 V, IC = 0)
BC213
BC214
IEBO
—
—
—
—
—
—
–15
–15
–15
nAdc
Order this document
by BC212/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC212,B
BC213
BC214
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - BC212

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC212 FAIRCHILD-BC212 Datasheet
329Kb / 5P
Process 63 PNP Medium Power
logo
Micro Electronics
BC212 MICRO-ELECTRONICS-BC212 Datasheet
62Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC212 SEMTECH_ELEC-BC212 Datasheet
76Kb / 1P
PNP Silicon Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
BC212 SECOS-BC212 Datasheet
72Kb / 1P
PNP Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
BC212 JIANGSU-BC212 Datasheet
549Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - BC212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
20 W HI FI AUDIO POWER AMLIFIER
logo
NEC
UPG2050GR NEC-UPG2050GR Datasheet
23Kb / 2P
GaAs MMIC DBS TWIN IF SWITCH AMLIFIER
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com