Electronic Components Datasheet Search
  English  ▼

X  

LTUCS455 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # LTUCS455
Description  Ceramic Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

LTUCS455 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  LTUCS455 Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM Ceramic Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
January 17, 2001
Vanlong Technology Co., Ltd.
LTUC455 & LTUCS455 Series Ceramic Filter
LTUC455 and LTUCS455 series are surface mount ceramic
filters widely used in telecommunication, cable, radar, TV set,
tape recorder, video camera and other electronic products
due to its lower price and stable performances.
Specifications:
LTUC & LTUCS Series
Frequency Range (fc):
LTUC455 Series:
455KHz
LTUCS455 Series:
455KHz
Tolerance:
± 1.5KHz
Operating Temperature:
-20
°C ~ +80°C Standard
Storage Temperature:
-40
°C ~ +85°C
6dB Bandwidth:
B:
± 15KHz
D:
± 10KHz
E:
± 7.5KHz
F:
± 6.0KHz
G:
± 4.5KHz
H:
± 3.0KHz
40dB Bandwidth:
B:
± 30KHz
D:
± 20KHz
E:
± 15KHz
F:
± 12.5KHz
G:
± 10KHz
H:
± 9KHz
Stop Band Attenuation:
27dB min (B,D,E,F)
at fc
± 100KHz
25dB min (G)
Insertion Loss:
4.0dB max (B,D)
6.0dB max (E,F,G)
Ripple:
2.0dB max
Input/Output Impedance:
1.5K
Ω
All dimensions are in mm
Ordering Information
Note:
1.
Other frequencies, bandwidth ranges available. Consult VTC Support for
specific requirements.
2.
Not all combinations of the above bandwidth ranges are available. Consult VTC
Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + Frequency + Bandwidth Code.
i.e. LTUC455E or LTUCS455F
LTUC455
LTUCS455
Model
W
D
T
LTUC
6.0
4.0
4.0
LTUCS
5.6
3.0
3.0


Similar Part No. - LTUCS455

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
LTUCS455D AEL-LTUCS455D Datasheet
962Kb / 1P
SMD Ceramic Filter
LTUCS455E AEL-LTUCS455E Datasheet
962Kb / 1P
SMD Ceramic Filter
LTUCS455F AEL-LTUCS455F Datasheet
962Kb / 1P
SMD Ceramic Filter
LTUCS455G AEL-LTUCS455G Datasheet
962Kb / 1P
SMD Ceramic Filter
More results

Similar Description - LTUCS455

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
CERAMIC FILTER
logo
ECS, Inc.
LPUB ECS-LPUB Datasheet
238Kb / 2P
CERAMIC FILTER
LZU450C ECS-LZU450C Datasheet
64Kb / 1P
CERAMIC FILTER
logo
Vanlong Technology Co.,...
LT10.7M VANLONG-LT10.7M Datasheet
21Kb / 1P
Ceramic Filter
LT455-U VANLONG-LT455-U Datasheet
22Kb / 1P
Ceramic Filter
LT455-W VANLONG-LT455-W Datasheet
23Kb / 1P
Ceramic Filter
logo
Oscilent Corporation
739-455-HL-C OSCILENT-739-455-HL-C Datasheet
142Kb / 2P
Ceramic Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com