Electronic Components Datasheet Search
  English  ▼

X  

TL317 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL317
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL317 Datasheet(HTML) 2 Page - Texas Instruments

  TL317 Datasheet HTML 1Page - Texas Instruments TL317 Datasheet HTML 2Page - Texas Instruments TL317 Datasheet HTML 3Page - Texas Instruments TL317 Datasheet HTML 4Page - Texas Instruments TL317 Datasheet HTML 5Page - Texas Instruments TL317 Datasheet HTML 6Page - Texas Instruments TL317 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL317
3-TERMINAL ADJUSTABLE REGULATORS
SLVS004C – APRIL 1979 – REVISED JULY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic
11.5 k
124
200 k
195
5.3 k
Ω 5.7 k
70
5.1 k
pF
30
pF
30
2.1 k
2.12 k
10.8 k
40
ADJUSTMENT
OUTPUT
670
1.4
360
INPUT
310
5.6 k
251
190
310
NOTE A: All component values shown are nominal.
absolute maximum ratings over operating temperature range (unless otherwise noted)
Input-to-output differential voltage, Vl – VO
35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air, TA, case, or virtual-junction temperature range, TJ: TL317C
0
°C to 150°C
. . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
LP package
156
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
2. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace
length of zero.
recommended operating conditions
MIN
MAX
UNIT
Input-to-output voltage differential, VI – VO
35
V
Output current, IO
2.5
100
mA
Operating virtual-junction temperature, TJ
TL317C
0
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com