Electronic Components Datasheet Search
  English  ▼

X  

TL343 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL343
Description  SINGLE LOW-POWER OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL343 Datasheet(HTML) 5 Page - Texas Instruments

  TL343 Datasheet HTML 1Page - Texas Instruments TL343 Datasheet HTML 2Page - Texas Instruments TL343 Datasheet HTML 3Page - Texas Instruments TL343 Datasheet HTML 4Page - Texas Instruments TL343 Datasheet HTML 5Page - Texas Instruments TL343 Datasheet HTML 6Page - Texas Instruments TL343 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TL343
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
SLOS250D – JUNE 1999 – REVISED NOVEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
0
–75
TA – Free-Air Temperature – °C
50
100
150
200
250
–50
–25
0
25
50
75
100
125
VCC
± = ±15 V
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
Figure 2
|VCC
±| – Supply Voltage – V
0
250
200
150
100
50
0
2
4
8
1012
1416
6
TA = 25°C
INPUT BIAS CURRENT
vs
SUPPLY VOLTAGE
Figure 3
|VCC
±| – Supply Voltage – V
0
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
RL = 10 kΩ
TA = 25°C
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 4
1 k
f – Frequency – Hz
30
25
20
15
10
5
0
10 k
100 k
1 M
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
Figure 5
VCC
± = ±15 V
CL = 0
RL = 10 kΩ
TA = 25°C
See Figure 1
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com