Electronic Components Datasheet Search
  English  ▼

X  

SF5502 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SF5502
Description  406.025 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5502 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SF5502 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5502 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
406.025 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© August 2004 by Vanlong Technology Co., Ltd.
SF5502
•
Ideal Front-End Filter for Wireless Receivers
•
Low-Loss, Coupled-Resonator Quartz Design
•
Simple External Impedance Matching
•
Ultra Miniature Ceramic QCC8C SMD Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
Input Power Level
Pin
10
dBm
DC Voltage
VDC
12
V
Operating Temperature Range
TA
-35 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Center Frequency (25
°C)
(center frequency between 3dB points)
fC
NS
406.025
NS
MHz
Insertion Loss
IL
-
4.0
5.0
dB
3dB Bandwidth
BW3
-
300
-
KHz
User Signal Bandwidth
BW
fC ± 10
-
-
KHz
Passband Ripple (fC ± 10KHz)
∆α
-
0.5
-
dB
Stopbamd Attenuation
fC - 40 MHz
α
rel
40
-
-
dB
Temperature Stability
Operating Temperature Range
Turnover Temperature
Turnover Frequency
Frequency Temperature Coefficient
TC
TO
fO
FTC
-35
25
-
-
-
-
fC
-0.032
+85
55
-
°C
°C
KHz
ppm/
°C
Frequency Aging
Absolute Value during the First Year
|fA|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
Ω
NS = Not Specified
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
Frequency aging is the change in fC with time and is specified at
+65
°C or less. Aging may exceed the specification for prolonged
temperatures above +65
°C. Typically, aging is greatest the first
year after manufacture, decreasing in subsequent years.
5.
Turnover temperature, T0, is the temperature of maximum (or
turnover) frequency, f0. The nominal frequency at any case
temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
6.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
7.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
8.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
9.
For questions on technology, prices and delivery please contact
our sales offices or e-mail to sales@vanlong.com.
SF5502


Similar Part No. - SF5502

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF550 DYELEC-SF550 Datasheet
749Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF550 ZSELEC-SF550 Datasheet
97Kb / 2P
.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
SF5501 ETC-SF5501 Datasheet
117Kb / 2P
401.65 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5501 VANLONG-SF5501 Datasheet
123Kb / 2P
401.65 MHz SAW Filter
SF5503 VANLONG-SF5503 Datasheet
162Kb / 2P
418.00 MHz SAW Filter
More results

Similar Description - SF5502

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
EPCOS
B3773 EPCOS-B3773 Datasheet
74Kb / 9P
SAW filter 868.95 MHz
B7738 EPCOS-B7738 Datasheet
93Kb / 8P
SAW filter 719.0 MHz
B9408 EPCOS-B9408 Datasheet
80Kb / 8P
SAW Filter 2140.0 MHz
B9410 EPCOS-B9410 Datasheet
102Kb / 8P
SAW filter 2441.75 MHz
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com