Electronic Components Datasheet Search
  English  ▼

X  

SF5507 Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SF5507
Description  433.92 MHz SAW Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SF5507 Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SF5507 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SF5507 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
433.92 MHz SAW Filter
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© May 2006 by Vanlong Technology Co., Ltd.
SF5507
•
Designed to Band Pass in 433.92 MHz
•
Low-Loss, Coupled-Resonator Quartz Design
•
Simple External Impedance Matching
•
Ultra Miniature Ceramic QCC8C SMD Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
Input Power Level
Pin
10
dBm
DC Voltage VDC Between Any Two Pins
VDC
12
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Nominal Frequency (at 25
°C)
(Center frequency between 3dB point)
fC
NS
433.92
NS
MHz
Insertion Loss Attenuation
431.92 … 435.92 MHz
IL
-
3.5
5.0
dB
Usable Bandwidth
BW
-
±2.0
-
MHz
3dB Passband
BW3
-
±4.0
-
MHz
Passband Ripple
431.92 … 435.92 MHz
∆α
-
-
±1.0
dB
Absolute Attenuation
DC … 403.92 MHz
463.92 … 633.92 MHz
α
rel
40
45
50
55
-
-
dB
dB
Frequency Aging
Absolute Value during the First Year
|fA|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
Ω
Input / Output Impendance (nominal)
-
-
50
-
Ω
NS = Not Specified
Notes:
1.
The frequency fC is defined as the midpoint between the 3dB
frequencies.
2.
Unless noted otherwise, all measurements are made with the filter
installed in the specified test fixture that is connected to a 50
Ω test
system with VSWR
≤ 1.2:1. The test fixture L and C are adjusted
for minimum insertion loss at the filter center frequency, fC. Note
that insertion loss, bandwidth, and passband shape are dependent
on the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire
specified operating temperature range.
4.
The specifications of this device are based on the test circuit
shown above and subject to change or obsolescence without
notice.
5.
All equipment designs utilizing this product must be approved by
the appropriate government agency prior to manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
7.
For questions on technology, prices and delivery please contact
our sales offices or e-mail sales@vanlong.com.
SF5507


Similar Part No. - SF5507

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SF550 DYELEC-SF550 Datasheet
749Kb / 3P
ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF550 ZSELEC-SF550 Datasheet
97Kb / 2P
.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
List of Unclassifed Man...
SF5501 ETC-SF5501 Datasheet
117Kb / 2P
401.65 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5501 VANLONG-SF5501 Datasheet
123Kb / 2P
401.65 MHz SAW Filter
SF5502 VANLONG-SF5502 Datasheet
53Kb / 2P
406.025 MHz SAW Filter
More results

Similar Description - SF5507

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
433.92 MHz SAW Filter
RF1172D RFM-RF1172D Datasheet
115Kb / 2P
433.92 MHz SAW Filter
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
SAW filter 433.92 MHz
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
433.92 MHz SAW Filter
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
433.92 MHz SAW Filter
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
433.92 MHz SAW Filter
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
SAW Filter 433.92 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com