Electronic Components Datasheet Search
  English  ▼

X  

TL432CDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # TL432CDBVT
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL432CDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL432CDBVT Datasheet HTML 7Page - Texas Instruments TL432CDBVT Datasheet HTML 8Page - Texas Instruments TL432CDBVT Datasheet HTML 9Page - Texas Instruments TL432CDBVT Datasheet HTML 10Page - Texas Instruments TL432CDBVT Datasheet HTML 11Page - Texas Instruments TL432CDBVT Datasheet HTML 12Page - Texas Instruments TL432CDBVT Datasheet HTML 13Page - Texas Instruments TL432CDBVT Datasheet HTML 14Page - Texas Instruments TL432CDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543H − AUGUST 2004 − REVISED JANUARY 2005
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST
CIRCUIT
TEST CONDITIONS
TL431C
TL432C
UNIT
PARAMETER
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Reference voltage
2
VKA = Vref,
IKA = 10 mA
2440
2495
2550
mV
VI(dev)
Deviation of reference voltage
over full temperature range
2
VKA = Vref,
IKA = 10 mA,
SOT23-3 and TL432
devices
6
16
mV
VI(dev)
over full temperature range
(see Figure 1)
2
IKA = 10 mA,
TA = 0°C to 70°C
All other devices
4
25
mV
DV
ref
Ratio of change in reference voltage
3
IKA = 10 mA
∆VKA = 10 V − Vref
−1.4
−2.7
mV
DV
ref
DV
KA
Ratio of change in reference voltage
to the change in cathode voltage
3
IKA = 10 mA
∆VKA = 36 V − 10 V
−1
−2
mV
V
Iref
Reference current
3
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
2
4
µA
II(dev)
Deviation of reference current
over full temperature range
(see Figure 1)
3
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞,
TA = 0°C to 70°C
0.4
1.2
µA
Imin
Minimum cathode current
for regulation
2
VKA = Vref
0.4
1
mA
Ioff
Off-state cathode current
4
VKA = 36 V,
Vref = 0
0.1
1
µA
|zKA|
Dynamic impedance (see Figure 1)
1
IKA = 1 mA to 100 mA, VKA = Vref,
f
≤ 1 kHz
0.2
0.5
Ω
The deviation parameters Vref(dev) and Iref(dev) are defined as the differences between the maximum and minimum
values obtained over the recommended temperature range. The average full-range temperature coefficient of the
reference voltage,
αVref, is defined as:
where:
∆TA is the recommended operating free-air temperature range of the device.
can be positive or negative, depending on whether minimum Vref or maximum Vref, respectively, occurs at the
lower temperature.
Example: maximum Vref = 2496 mV at 30°C, minimum Vref = 2492 mV at 0°C, Vref = 2495 mV at 25°C,
∆TA = 70°C for TL431C
Because minimum Vref occurs at the lower temperature, the coefficient is positive.
Calculating Dynamic Impedance
The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 3), the total dynamic impedance of the circuit
is given by:
Maximum Vref
Minimum Vref
∆TA
VI(dev)
a
V
ref
ppm
°C +
V
I(dev)
V
ref
at 25
°C
106
DT
A
a
V
ref
+
4mV
2495 mV
106
70
°C
[
23 ppm
°C
|z
KA|
+
DV
KA
DI
KA
|z |
+ DV
DI [
|z
KA|
1
) R1
R2
aV
ref
Figure 1. Calculating Deviation Parameters and Dynamic Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com