Electronic Components Datasheet Search
  English  ▼

X  

TL598D Datasheet(PDF) 1 Page - Texas Instruments

Part # TL598D
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL598D Datasheet(HTML) 1 Page - Texas Instruments

  TL598D Datasheet HTML 1Page - Texas Instruments TL598D Datasheet HTML 2Page - Texas Instruments TL598D Datasheet HTML 3Page - Texas Instruments TL598D Datasheet HTML 4Page - Texas Instruments TL598D Datasheet HTML 5Page - Texas Instruments TL598D Datasheet HTML 6Page - Texas Instruments TL598D Datasheet HTML 7Page - Texas Instruments TL598D Datasheet HTML 8Page - Texas Instruments TL598D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL598
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS053C – FEBRUARY 1988 – REVISED JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete PWM Power Control Function
D Totem-Pole Outputs for 200-mA Sink or
Source Current
D Output Control Selects Parallel or
Push-Pull Operation
D Internal Circuitry Prohibits Double Pulse at
Either Output
D Variable Dead-Time Provides Control Over
Total Range
D Internal Regulator Provides a Stable 5-V
Reference Supply, Trimmed to 1%
Tolerance
D On-Board Output Current-Limiting
Protection
D Undervoltage Lockout for Low VCC
Conditions
D Separate Power and Signal Grounds
D TL598Q Has Extended Temperature
Range ...–40
°C to 125°C
description
The TL598 incorporates all the functions required in the construction of pulse-width-modulated (PWM)
controlled systems on a single chip. Designed primarily for power-supply control, the TL598 provides the
systems engineer with the flexibility to tailor the power-supply control circuits to a specific application.
The TL598 contains two error amplifiers, an internal oscillator (externally adjustable), a dead-time control (DTC)
comparator, a pulse-steering flip-flop, a 5-V precision reference, undervoltage lockout control, and output
control circuits. Two totem-pole outputs provide exceptional rise- and fall-time performance for power FET
control. The outputs share a common source supply and common power ground terminals, which allow system
designers to eliminate errors caused by high current-induced voltage drops and common-mode noise.
The error amplifier has a common-mode voltage range from 0 V to VCC –2 V. The DTC comparator has a fixed
offset that prevents overlap of the outputs during push-pull operation. A synchronous multiple supply operation
can be achieved by connecting RT to the reference output and providing a sawtooth input to CT.
The TL598 device provides an output control function to select either push-pull or parallel operation. Circuit
architecture prevents either output from being pulsed twice during push-pull operation. The output frequency
for push-pull applications is one-half the oscillator frequency f
O +
1
2RT CT
. For single-ended applications:
f
O +
1
RT CT
.
The TL598C is characterized for operation from 0
°C to 70°C. The TL598Q is characterized for operation from
–40
°C to 125°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1IN+
1IN–
FEEDBACK
DTC
CT
RT
SIGNAL GND
OUT1
2IN+
2IN–
REF
OUTPUT CTRL
VCC
VC
POWER GND
OUT2
D OR N PACKAGE
(TOP VIEW)
ERROR
AMP 1
ERROR
AMP 2


Similar Part No. - TL598D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL598 TI-TL598 Datasheet
390Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL598 TI-TL598 Datasheet
584Kb / 17P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL598 TI2-TL598 Datasheet
382Kb / 15P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
REVISED NOVEMBER 2003
TL598CD TI-TL598CD Datasheet
390Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL598CD TI-TL598CD Datasheet
584Kb / 17P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL598D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com