Electronic Components Datasheet Search
  English  ▼

X  

LPTC3250P Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # LPTC3250P
Description  Ultra-Low PDL Fused Tap Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LPTC3250P Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  LPTC3250P Datasheet HTML 1Page - OPLINK Communications Inc. LPTC3250P Datasheet HTML 2Page - OPLINK Communications Inc. LPTC3250P Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra-Low PDL Fused Tap Coupler
(1310, S, C, L band)
LPTC Series
Insertion Loss Tables
R3.20070802
Oplink Communications, Inc.
Insertion Loss (IL) I : C or L band coupler
Insertion Loss (IL) II : 1310nm, S band coupler
A Grade
P Grade
IL1 (dB)
PDL 2
1
2
(dB)
99/1
≤0.18
18.2-21.0
≤0.03
≤0.03
≤0.23
17.4-21.5
≤0.05
≤0.05
98/2
≤0.25
16.0-18.6
≤0.03
≤0.03
≤0.30
15.2-19.8
≤0.05
≤0.05
97/3
≤0.30
14.4-16.4
≤0.03
≤0.03
≤0.34
13.7-17.1
≤0.05
≤0.05
95/5
≤0.35
12.2-14.0
≤0.03
≤0.03
≤0.40
11.8-14.7
≤0.05
≤0.05
90/10
≤0.60
9.40-11.0
≤0.03
≤0.03
≤0.65
9.00-11.3
≤0.05
≤0.05
85/15
≤0.90
7.70-8.85
≤0.03
≤0.03
≤0.85
7.4-9.1
≤0.05
≤0.05
80/20
≤1.15
6.30-7.80
≤0.03
≤0.03
≤1.15
6.0-8.1
≤0.05
≤0.05
75/25
≤1.50
5.45-6.70
≤0.03
≤0.03
≤1.44
5.5-6.8
≤0.05
≤0.05
70/30
≤1.75
4.60-5.75
≤0.03
≤0.03
≤1.82
4.7-5.9
≤0.05
≤0.05
65/35
≤2.05
4.10-5.05
≤0.03
≤0.03
≤2.02
4.2-5.0
≤0.05
≤0.05
60/40
≤2.50
3.85-4.40
≤0.03
≤0.03
≤2.60
3.7-4.6
≤0.05
≤0.05
55/45
≤2.85
3.15-3.80
≤0.03
≤0.03
≤2.81
3.1-4.0
≤0.05
≤0.05
50/50
2.70−3.40
≤0.03
2.60−3.50
≤0.05
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL), For S-band product, add 0.1dB due to water absorption peak of fiber.
2. Insertion loss change over the all input polarization states.
Coupling Ratio
Signal
Tap
Signal
Tap
(dB)
PDL
IL (dB)
Signal
Tap
Signal
Tap
A Grade
P Grade
IL1 (dB)
PDL 2 (dB)
1
(dB)
PDL
2
(dB)
Signal
Tap
Signal
Tap
99/1
≤0.18
19.0-21.0
≤0.03
≤0.03
≤0.20
17.7-21.5
≤0.05
≤0.05
98/2
≤0.25
16.4-18.4
≤0.03
≤0.03
≤0.30
16.0-19.4
≤0.05
≤0.05
97/3
≤0.30
14.6-16.2
≤0.03
≤0.03
≤0.35
14.0-16.8
≤0.05
≤0.05
95/5
≤0.35
12.4-13.8
≤0.03
≤0.03
≤0.40
12.0-14.4
≤0.05
≤0.05
90/10
≤0.60
9.60-10.8
≤0.03
≤0.03
≤0.65
9.20-11.2
≤0.05
≤0.05
85/15
≤0.85
7.80-8.80
≤0.03
≤0.03
≤0.90
7.5-9.0
≤0.05
≤0.05
80/20
≤1.15
6.60-7.60
≤0.03
≤0.03
≤1.15
6.4-8.0
≤0.05
≤0.05
75/25
≤1.35
5.75-6.50
≤0.03
≤0.03
≤1.44
5.6-6.7
≤0.05
≤0.05
70/30
≤1.75
5.00-5.50
≤0.03
≤0.03
≤1.82
4.9-5.8
≤0.05
≤0.05
65/35
≤2.10
4.40-4.90
≤0.03
≤0.03
≤2.15
4.3-5.0
≤0.05
≤0.05
60/40
≤2.50
3.95-4.30
≤0.03
≤0.03
≤2.60
3.7-4.6
≤0.05
≤0.05
55/45
≤2.85
3.35-3.80
≤0.03
≤0.03
≤2.90
3.1-4.0
≤0.05
≤0.05
50/50
2.80−3.30
≤0.03
2.70−3.30
≤0.05
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states.
Coupling Ratio
IL
Signal
Tap
Signal
Tap



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com