Electronic Components Datasheet Search
  English  ▼

X  

TL7700 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700
Description  SUPPLY-VOLTAGE SUPERVISOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700 Datasheet(HTML) 3 Page - Texas Instruments

  TL7700 Datasheet HTML 1Page - Texas Instruments TL7700 Datasheet HTML 2Page - Texas Instruments TL7700 Datasheet HTML 3Page - Texas Instruments TL7700 Datasheet HTML 4Page - Texas Instruments TL7700 Datasheet HTML 5Page - Texas Instruments TL7700 Datasheet HTML 6Page - Texas Instruments TL7700 Datasheet HTML 7Page - Texas Instruments TL7700 Datasheet HTML 8Page - Texas Instruments TL7700 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL7700
SUPPLY-VOLTAGE SUPERVISOR
SLVS220A – JULY 1999 – REVISED NOVEMBER 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC (see Note 1)
41 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Sense input voltage range, Vs
–0.3 V to 41 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VOH (off state)
41 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IOL (on state)
5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): P package
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
PS package
95
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
149
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to the network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
3. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
1.8
40
V
Low-level output current, IOL
3
mA
Operating free-air temperature, TA
–40
85
°C
electrical characteristics, VCC = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
SENSE input voltage
495
500
505
mV
Vs
SENSE input voltage
TA = –40°C to 85°C
490
510
mV
I
SENSE input current
V= 0 4 V
2
2.5
3
µA
Is
SENSE input current
Vs = 0.4 V
TA = –40°C to 85°C
1.5
3.5
µA
ICC
Supply current
VCC = 40 V,
Vs = 0.6 V,
No load
0.6
1
mA
VOL
Low level output voltage
IOL = 1.5 mA
0.4
V
VOL
Low-level output voltage
IOL = 3 mA
0.8
V
IOH
High-level output current
VOH = 40 V,
Vs = 0.6 V,
TA = –40°C to 85°C
1
µA
ICT
Timing-capacitor charge current
Vs = 0.6 V
11
15
19
µA
switching characteristics, VCC = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpi
SENSE pulse duration
CT = 0.01 µF
2
µs
tpo
Output pulse duration
CT = 0.01 µF
0.5
1
1.5
ms
tr
Output rise time
CT = 0.01 µF,
RL = 2.2 kΩ,
CL = 100 pF
15
µs
tf
Output fall time
CT = 0.01 µF,
RL = 2.2 kΩ,
CL = 100 pF
0.5
µs
tpd
Propagation delay time, SENSE to output
CT = 0.01 µF
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com