Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC327
Description  Amplifier Transistors(PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC327 Datasheet(HTML) 1 Page - Motorola, Inc

  BC327 Datasheet HTML 1Page - Motorola, Inc BC327 Datasheet HTML 2Page - Motorola, Inc BC327 Datasheet HTML 3Page - Motorola, Inc BC327 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC327
BC328
Unit
Collector – Emitter Voltage
VCEO
–45
–25
Vdc
Collector – Base Voltage
VCBO
–50
–30
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–800
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –10 mA, IB = 0)
BC327
BC328
V(BR)CEO
–45
–25
—
—
—
—
Vdc
Collector – Emitter Breakdown Voltage
(IC = –100 µA, IE = 0)
BC327
BC328
V(BR)CES
–50
–30
—
—
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = –10 mA, IC = 0)
V(BR)EBO
–5.0
—
—
Vdc
Collector Cutoff Current
(VCB = –30 V, IE = 0)
BC327
(VCB = –20 V, IE = 0)
BC328
ICBO
—
—
—
—
–100
–100
nAdc
Collector Cutoff Current
(VCE = –45 V, VBE = 0)
BC327
(VCE = –25 V, VBE = 0)
BC328
ICES
—
—
—
—
–100
–100
nAdc
Emitter Cutoff Current
(VEB = –4.0 V, IC = 0)
IEBO
—
—
–100
nAdc
Order this document
by BC327/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC327,-16,-25
BC328,-16,-25
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC327

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC327 SEMTECH-BC327 Datasheet
424Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC327 FAIRCHILD-BC327 Datasheet
92Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
More results

Similar Description - BC327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
Amplifier Transistors PNP Silicon
BC307 MOTOROLA-BC307 Datasheet
110Kb / 4P
Amplifier Transistors(PNP)
LA733P MOTOROLA-LA733P Datasheet
126Kb / 4P
Amplifier Transistors (PNP)
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
AMPLIFIER TRANSISTORS PNP SILICON
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
Amplifier Transistors PNP Silicon
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
PNP SILICON AMPLIFIER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com