Electronic Components Datasheet Search
  English  ▼

X  

2N5656 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2N5656
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2N5656 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2N5656 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5656 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2N5656 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2N5655 2N5656 2N5657
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N5655
250
2N5656
300
VCEO(SUS)
Collector-emitter
sustaining voltage
2N5657
IC=0.1A; IB=0;L=50mH
350
V
VCEsat-1
Collector-emitter saturation voltage
IC=100mA ;IB=10mA
1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=250mA ;IB=25mA
2.5
V
VCEsat-3
Collector-emitter saturation voltage
IC=500mA ;IB=100mA
10
V
VBE
Emitter-base on voltage
IC=100mA ; VCE=10V
1.0
V
2N5655
VCE=150V; IB=0
2N5656
VCE=200V; IB=0
ICEO
Collector cut-off current
2N5657
VCE=250V; IB=0
0.1
mA
2N5655
VCB=275V; IE=0
2N5656
VCB=325V; IE=0
ICBO
Collector cut-off current
2N5657
VCB=375V; IE=0
10
μA
ICEX
Collector cut-off current
VCE= Rated VCEO; VBE(off)=1.5V
TC=100℃
0.1
1.0
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
10
μA
hFE-1
DC current gain
IC=50mA ; VCE=10V
25
hFE-2
DC current gain
IC=100mA ; VCE=10V
30
250
hFE-3
DC current gain
IC=250mA ; VCE=10V
15
hFE-4
DC current gain
IC=500mA ; VCE=10V
5
fT
Transition frequency
IC=50mA ; VCE=10V;f=10MHz
10
MHz
COB
Output capacitance
f=100kHz ; VCB=10V;IE=0
25
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com