Electronic Components Datasheet Search
  English  ▼

X  

SR310 Datasheet(PDF) 2 Page - Vanlong Technology Co., Ltd.

Part # SR310
Description  310.00 MHz One-Port SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SR310 Datasheet(HTML) 2 Page - Vanlong Technology Co., Ltd.

  SR310 Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SR310 Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
310.00 MHz One-Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
S R 3 1 0
Package Dimensions (TO-39)
Marking
Equivalent LC Model and Test Circuit
Typical Application Circuit
Typical Frequency Response
Temperature Characteristics
Electrical Connections
Terminals
Connection
1
Input/ Output
2
Output/ Input
3
Case-Ground
Package Dimensions
Nom (mm)
Dimensions
Min
Max
A
9.10
9.50
B
3.20
3.60
C
2.80
3.20
D
Φ0.25
Φ0.65
E
4.98
5.18
F
2.54 Nominal
G
0.4
0.5
∆T= Tc –To (°C)
The curve shown above accounts for
resonator contribution only and does not
include oscillator temperature
characteristics.
fc = fo, Tc = To
Low Power Transmitter Application
SR310
310.00
Local Oscillator Application
Ω
Ω
Ink Marking
Color: Black or Blue



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com