Electronic Components Datasheet Search
  English  ▼

X  

TL2842 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL2842
Description  CURRENT-MODE PWM CONTROLLERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2842 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL2842 Datasheet HTML 2Page - Texas Instruments TL2842 Datasheet HTML 3Page - Texas Instruments TL2842 Datasheet HTML 4Page - Texas Instruments TL2842 Datasheet HTML 5Page - Texas Instruments TL2842 Datasheet HTML 6Page - Texas Instruments TL2842 Datasheet HTML 7Page - Texas Instruments TL2842 Datasheet HTML 8Page - Texas Instruments TL2842 Datasheet HTML 9Page - Texas Instruments TL2842 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038E – JANUARY 1989 – REVISED DECEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 15 V (see
Note 4), RT = 10 kΩ, CT = 3.3 nF (unless otherwise specified) (continued)
supply voltage
PARAMETER
TEST CONDITIONS
TL284x
TL384x
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Start-up current
0.5
1
0.5
1
mA
Operating supply current
VFB and ISENSE at 0 V
11
17
11
17
mA
Limiting voltage
ICC = 25 mA
34
34
V
† All typical values are at TA = 25°C.
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.
electrical characteristics, VCC = 15 V (see Note 4), RT= 10 kΩ, CT = 3.3 nF, TA = 25°C (unless otherwise
specified)
reference section
PARAMETER
TEST CONDITIONS
TL384xY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
IO = 1 mA
5
V
Line regulation
VCC = 12 V to 25 V
6
mV
Load regulation
IO = 1 mA to 20 mA
6
mV
Temperature coefficient of output voltage
0.2
mV/
°C
Output noise voltage
f = 10 Hz to 10 kHz
50
µV
Output-voltage long-term drift
After 1000 h at TA = 25°C
5
mV
Short-circuit output current
–100
mA
NOTE 4: Adjust VCC above the start threshold before setting it to 15 V.
oscillator section
PARAMETER
TEST CONDITIONS
TL384xY
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator frequency (see Note 5)
52
kHz
Frequency change with supply voltage
VCC = 12 V to 25 V
2
Hz/kHz
Frequency change with temperature
5
Hz/kHz
Peak-to-peak amplitude at RT/CT
1.7
V
NOTES:
4. Adjust VCC above the start threshold before setting it to 15 V.
5. Output frequency equals oscillator frequency for the TLx842 and TLx843. Output frequency is one-half oscillator frequency for the
TLx844 and TLx845.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com