Electronic Components Datasheet Search
  English  ▼

X  

SR441B Datasheet(PDF) 1 Page - Vanlong Technology Co., Ltd.

Part # SR441B
Description  441.20 MHz One-Port SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

SR441B Datasheet(HTML) 1 Page - Vanlong Technology Co., Ltd.

  SR441B Datasheet HTML 1Page - Vanlong Technology Co., Ltd. SR441B Datasheet HTML 2Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
441.20 MHz One-Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
SR441B
•
Ideal for 441.20 MHz Transmitters
•
Very Low Insertion Loss
•
Quartz Stability
•
Rugged, Hermetic, Low Profile F-11 Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
CW RF Power Dissipation
P
0
dBm
DC Voltage
VDC
±30
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Frequency (25
°C)
Nominal Frequency
Tolerance from 441.20 MHz
fC
∆f
C
NS
-
441.20
-
NS
± 75
MHz
KHz
Insertion Loss
IL
-
2.8
3.3
dB
Quality Factor
Unloaded Q-Value
50
Ω Loaded Q-Value
QU
QL
-
-
12,350
3,400
-
-
-
-
Temperature Stability
Turnover Temperature
Turnover Frequency
Frequency Temperature Coefficient
TO
fO
FTC
25
-
-
-
fc
-0.032
55
-
-
°C
KHz
ppm/
°C2
Frequency Aging
Absolute Value during the First Year
|f
A|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
Ω
RF Equivalent RLC Model
Motional Resistance
Motional Inductance
Motional Capacitance
Pin 1 to Pin 2 Static Capacitance
RM
LM
CM
CO
-
-
-
0.85
38.0
169.3413
0.7692
1.15
46.0
-
-
1.45
Ω
µH
fF
pF
NS = Not Specified
Notes:
1.
The center frequency, fC, is measured at the minimum IL point with
the resonator in the 50
Ω test system.
2.
Unless noted otherwise, case temperature TC = +25°C ± 2°C.
3.
Frequency aging is the change in fC with time and is specified at
+65
°C or less. Aging may exceed the specification for prolonged
temperatures above +65°C. Typically, aging is greatest the first year
after manufacture, decreasing in subsequent years.
4.
Turnover temperature, T0, is the temperature of maximum (or
turnover) frequency, f0. The nominal frequency at any case
temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
5.
This equivalent RLC model approximates resonator performance
near the resonant frequency and is provided for reference only. The
capacitance C0 is the measured static (nonmotional) capacitance
between Pin1 and Pin2. The measurement includes case parasitic
capacitance.
6.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and C0.
7.
The specifications of this device are based on the test circuit shown
above and subject to change or obsolescence without notice.
8.
Typically, equipment utilizing this device requires emissions testing
and government approval, which is the responsibility of the
equipment manufacturer.
9.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
10.
For questions on technology, prices and delivery please contact our
sales offices or e-mail to sales@vanlong.com.
SR441B


Similar Part No. - SR441B

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR441 VANLONG-SR441 Datasheet
88Kb / 2P
441.20 MHz One-Port SAW Resonator
More results

Similar Description - SR441B

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR224 VANLONG-SR224 Datasheet
98Kb / 2P
224.70 MHz One-Port SAW Resonator
SR318B VANLONG-SR318B Datasheet
89Kb / 2P
318.00 MHz One-Port SAW Resonator
SR360 VANLONG-SR360 Datasheet
88Kb / 2P
360.00 MHz One-Port SAW Resonator
SR390B VANLONG-SR390B Datasheet
87Kb / 2P
390.00 MHz One-Port SAW Resonator
SR395M50 VANLONG-SR395M50 Datasheet
91Kb / 2P
395.50 MHz One-Port SAW Resonator
SR418 VANLONG-SR418 Datasheet
89Kb / 2P
418.00 MHz One-Port SAW Resonator
SR441 VANLONG-SR441 Datasheet
88Kb / 2P
441.20 MHz One-Port SAW Resonator
SR622 VANLONG-SR622 Datasheet
90Kb / 2P
622.08 MHz One-Port SAW Resonator
SR868M35B VANLONG-SR868M35B Datasheet
87Kb / 2P
868.35 MHz One-Port SAW Resonator
SR904 VANLONG-SR904 Datasheet
90Kb / 2P
904.30 MHz One-Port SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com