Electronic Components Datasheet Search
  English  ▼

X  

TLC1541 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC1541
Description  10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1541 Datasheet(HTML) 4 Page - Texas Instruments

  TLC1541 Datasheet HTML 1Page - Texas Instruments TLC1541 Datasheet HTML 2Page - Texas Instruments TLC1541 Datasheet HTML 3Page - Texas Instruments TLC1541 Datasheet HTML 4Page - Texas Instruments TLC1541 Datasheet HTML 5Page - Texas Instruments TLC1541 Datasheet HTML 6Page - Texas Instruments TLC1541 Datasheet HTML 7Page - Texas Instruments TLC1541 Datasheet HTML 8Page - Texas Instruments TLC1541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLC1541
10-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 INPUTS
SLAS073C – DECEMBER 1995 – REVISED AUGUST 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.5
V
Positive reference voltage, Vref + (see Note 2)
2.5
VCC
VCC + 0.1
V
Negative reference voltage, Vref – (see Note 2)
– 0.1
0
2.5
V
Differential reference voltage, Vref + – Vref – (see Note 2)
1
VCC
VCC + 0.2
V
Analog input voltage (see Note 2)
0
VCC
V
High-level control input voltage, VIH
2
V
Low-level control input voltage, VIL
0.8
V
Input/output clock frequency, fclock(I/O)
0
1.1
MHz
System clock frequency, fclock(SYS)
fclock(I/O)
2.1
MHz
Setup time, address bits before I/O CLOCK
↑, tsu(A)
400
ns
Hold time, address bits after I/O CLOCK
↑, th(A)
0
ns
Setup time, CS low before clocking in first address bit, tsu(CS)
(see Note 3 and Operating Sequence)
3
System
clock
cycles
Pulse duration, CS high during conversion, twH(CS) (see Operating Sequence)
44
System
clock
cycles
Pulse duration, SYSTEM CLOCK high, twH(SYS)
210
ns
Pulse duration, SYSTEM CLOCK low, twL(SYS)
190
ns
Pulse duration, I/O CLOCK high, twH(I/O)
404
ns
Pulse duration, I/O CLOCK low, twL(I/O)
404
ns
System
fclock(SYS) ≤ 1048 kHz
30
ns
Clock transition time (see Note 4)
System
fclock(SYS) > 1048 kHz
20
ns
Clock transition time (see Note 4)
I/O
fclock(I/O) ≤ 525 kHz
100
ns
I/O
fclock(I/O) > 525 kHz
40
ns
Operating free-air temperature TA
C suffix
0
70
°C
O erating free-air tem erature, TA
I suffix
–40
85
°C
NOTES:
2. Analog input voltages greater than that applied to REF + convert as all ones (1111111111), while input voltages less than that applied
to REF – convert as all zeros (0000000000). For proper operation, REF + voltage must be at least 1 V higher than REF – voltage.
Also, the total unadjusted error may increase as this differential reference voltage falls below 4.75 V.
3. To minimize errors caused by noise at the chip select input, the internal circuitry waits for three system clock cycles (or less) after
a chip select falling edge is detected before responding to control input signals. Therefore, no attempt should be made to clock in
an address until the minimum chip select setup time elapses.
4. The amount of time required for the clock input signal to fall from VIH min to VIL max or to rise from VIL max to VIH min. In the vicinity
of normal room temperature, the devices function with input clock transition time as slow as 2
µs for remote data acquisition
applications where the sensor and the A/D converter are placed several feet away from the controlling microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com