Electronic Components Datasheet Search
  English  ▼

X  

BC368 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC368
Description  Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC368 Datasheet(HTML) 1 Page - Motorola, Inc

  BC368 Datasheet HTML 1Page - Motorola, Inc BC368 Datasheet HTML 2Page - Motorola, Inc BC368 Datasheet HTML 3Page - Motorola, Inc BC368 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
20
Vdc
Collector – Emitter Voltage
VCES
25
Vdc
Emitter – Base Voltage
VEBO
5.0
Vdc
Collector Current — Continuous
IC
1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
V(BR)CEO
20
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = 100 µA, IE = 0 )
V(BR)CBO
25
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = 100 µA, IC = 0)
V(BR)EBO
5.0
—
—
Vdc
Collector Cutoff Current
(VCB = 25 V, IE = 0)
(VCB = 25 V, IE = 0, TJ = 150°C)
ICBO
—
—
—
—
10
1.0
µAdc
mAdc
Emitter Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
—
—
10
µAdc
ON CHARACTERISTICS
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
(VCE = 1.0 V, IC = 0.5 A)
(VCE = 1.0 V, IC = 1.0 A)
hFE
50
85
60
—
—
—
—
375
—
—
Bandwidth Product (IC = 10 mA, VCE = 5.0 V, f = 20 MHz)
fT
65
—
—
MHz
Collector–Emitter Saturation Voltage (IC = 1.0 A, IB = 100 mA)
VCE(sat)
—
—
0.5
V
Base–Emitter On Voltage (IC = 1.0 A, VCE = 1.0 V)
VBE(on)
—
—
1.0
V
Order this document
by BC368/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
NPN
BC368
PNP
BC369
CASE 29–04, STYLE 14
TO–92 (TO–226AA)
1
2
3
Voltage and current are negative
for PNP transistors
© Motorola, Inc. 1996
COLLECTOR
2
3
BASE
1
EMITTER
COLLECTOR
2
3
BASE
1
EMITTER
NPN
PNP


Similar Part No. - BC368

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
Amplifier Transistors
May, 2004 ??Rev. 4
logo
NXP Semiconductors
BC368 PHILIPS-BC368 Datasheet
43Kb / 8P
NPN medium power transistor
1999 Apr 26
logo
Siemens Semiconductor G...
BC368 SIEMENS-BC368 Datasheet
125Kb / 4P
NPN Silicon AF Transistor (High current gain High collector current)
logo
Fairchild Semiconductor
BC368 FAIRCHILD-BC368 Datasheet
35Kb / 4P
NPN General Purpose Amplifier
logo
Micro Electronics
BC368 MICRO-ELECTRONICS-BC368 Datasheet
131Kb / 1P
COMPLEMENTARY SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - BC368

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
Amplifier Transistors
May, 2004 ??Rev. 4
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
Amplifier Transistors
May, 2004 ??Rev. 4
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
Amplifier Transistors
December, 2008 ??Rev. 1
BC327-25G ONSEMI-BC327-25G Datasheet
108Kb / 5P
Amplifier Transistors
September, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com