Electronic Components Datasheet Search
  English  ▼

X  

TLC251 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC251
Description  LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC251 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC251 Datasheet HTML 9Page - Texas Instruments TLC251 Datasheet HTML 10Page - Texas Instruments TLC251 Datasheet HTML 11Page - Texas Instruments TLC251 Datasheet HTML 12Page - Texas Instruments TLC251 Datasheet HTML 13Page - Texas Instruments TLC251 Datasheet HTML 14Page - Texas Instruments TLC251 Datasheet HTML 15Page - Texas Instruments TLC251 Datasheet HTML 16Page - Texas Instruments TLC251 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TLC251, TLC251A, TLC251B, TLC251Y
LinCMOS
™ PROGRAMMABLE
LOW-POWER OPERATIONAL AMPLIFIERS
SLOS001E – JULY 1983 – REVISED AUGUST 1994
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V, TA = 25°C
TLC251Y
PARAMETER
TEST CONDITIONS
HIGH-BIAS
MODE
MEDIUM-BIAS
MODE
LOW-BIAS
MODE
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew rate at
RL†,
VI(PP) = 1 V
3.6
0.43
0.03
V/
µs
SR
unity gain
L ,
CL = 20 pF
VI(PP) = 2.5 V
2.9
0.40
0.03
V/
µs
Vn
Equivalent input
noise voltage
f = 1 kHz,
RS = 20 Ω
25
32
68
nV/
√Hz
BOM
Maximum output
swing bandwidth
VO = VOH,
RL = 10 kΩ
CL = 20 pF,
320
55
4.5
kHz
B1
Unity-gain
bandwidth
VI = 10 mV,
CL = 20 pF
1700
525
65
kHz
φm
Phase margin
f = B1,
CL = 20 pF
VI = 10 mV,
46
°
40
°
34
°
† For high-bias mode, RL = 10 kΩ; for medium-bias mode, RL = 100 kΩ; and for low-bias mode, RL = 1 MΩ.
PARAMETER MEASUREMENT INFORMATION
Figure 1. Unity-Gain Amplifier
–
+
Output
Input
CL = 100 pF
RL
BIAS
RL
Low
1 M
Ω
Medium
100 k
Ω
High
10 k
Ω
Figure 2. Input Offset Voltage Null Circuit
–
+
25 k
Ω
N1
N2
IN –
IN +
Output
GND
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IDD
Supply current
vs Bias-select voltage
vs Supply voltage
3
4
IDD
Supply current
vs Supply voltage
vs Free-air temperature
4
5
Low bias
vs Frequency
6
AVD
Large-signal differential voltage amplification
Medium bias
vs Frequency
7
High bias
vs Frequency
8
Low bias
vs Frequency
6
Phase shift
Medium bias
vs Frequency
7
High bias
vs Frequency
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com