Electronic Components Datasheet Search
  English  ▼

X  

TLC252 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC252
Description  LinCMOSE DUAL OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC252 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC252 Datasheet HTML 10Page - Texas Instruments TLC252 Datasheet HTML 11Page - Texas Instruments TLC252 Datasheet HTML 12Page - Texas Instruments TLC252 Datasheet HTML 13Page - Texas Instruments TLC252 Datasheet HTML 14Page - Texas Instruments TLC252 Datasheet HTML 15Page - Texas Instruments TLC252 Datasheet HTML 16Page - Texas Instruments TLC252 Datasheet HTML 17Page - Texas Instruments TLC252 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TLC252, TLC252A, TLC252B, TLC252Y, TLC25L2, TLC25L2A, TLC25L2B
TLC25L2Y, TLC25M2, TLC25M2A, TLC25M2B, TLC25M2Y
LinCMOS
™ DUAL OPERATIONAL AMPLIFIERS
SLOS002G – JUNE 1983 – REVISED AUGUST 1996
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC25M2C
TLC25M2AC
TLC25M2BC
UNIT
MIN
TYP
MAX
25
°C
0.43
VI(PP) = 1 V
0
°C
0.46
SR
Slew rate at unity gain
RL = 100 kΩ,
CL = 20 pF,
()
70
°C
0.36
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
25
°C
0.40
V/
µs
VI(PP) = 2.5 V
0
°C
0.43
()
70
°C
0.34
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
32
nV/
√Hz
VV
C20 F
R
100 k
Ω
25
°C
55
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure
CL = 20 pF,
RL = 100 kΩ,
0
°C
60
kHz
See Figure
70
°C
50
25
°C
525
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 3
0
°C
600
MHz
70
°C
400
V10 mV
fB
C20 pF
25
°C
40
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
0
°C
41
°
See Figure 3
70
°C
39
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC25M2C
TLC25M2AC
TLC25M2BC
UNIT
MIN
TYP
MAX
25
°C
0.62
VI(PP) = 1 V
0
°C
0.67
SR
Slew rate at unity gain
RL = 100 kΩ,
CL = 20 pF,
()
70
°C
0.51
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
25
°C
0.56
V/
µs
VI(PP) = 5.5 V
0
°C
0.61
()
70
°C
0.46
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
32
nV/
√Hz
VV
C20 F
R
100 k
Ω
25
°C
35
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 100 kΩ,
0
°C
40
kHz
See Figure 1
70
°C
30
25
°C
635
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 3
0
°C
710
MHz
70
°C
510
V10 mV
fB
C20 pF
25
°C
43
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
0
°C
44
°
See Figure 3
70
°C
42
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com