Electronic Components Datasheet Search
  English  ▼

X  

TLC254 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLC254
Description  LinCMOSE QUAD OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC254 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC254 Datasheet HTML 7Page - Texas Instruments TLC254 Datasheet HTML 8Page - Texas Instruments TLC254 Datasheet HTML 9Page - Texas Instruments TLC254 Datasheet HTML 10Page - Texas Instruments TLC254 Datasheet HTML 11Page - Texas Instruments TLC254 Datasheet HTML 12Page - Texas Instruments TLC254 Datasheet HTML 13Page - Texas Instruments TLC254 Datasheet HTML 14Page - Texas Instruments TLC254 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
™ QUAD OPERATIONAL AMPLIFIERS
SLOS003F – JUNE 1983 – REVISED AUGUST 1994
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC25L4C
TLC25L4AC
TLC25L4BC
UNIT
MIN
TYP
MAX
0
°C
0.04
VI(PP) = 1 V
25
°C
0.03
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
()
70
°C
0.03
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.03
V/
µs
VI(PP) = 2.5 V
25
°C
0.03
()
70
°C
0.02
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
70
nV/
√Hz
VV
C20 F
R1 M
Ω
0
°C
6
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 1 MΩ,
25
°C
5
kHz
See Figure 1
70
°C
4.5
0
°C
100
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
85
kHz
70
°C
65
V10 mV
fB
C20 pF
0
°C
36
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
34
°
See Figure 3
70
°C
30
°
operating characteristics, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC25L4C
TLC25L4AC
TLC25L4BC
UNIT
MIN
TYP
MAX
0
°C
0.05
VI(PP) = 1 V
25
°C
0.05
SR
Slew rate at unity gain
RL = 1 MΩ,
CL = 20 pF,
()
70
°C
0.04
V/
µs
SR
Slew rate at unity gain
L
,
See Figure 1
L
,
0
°C
0.05
V/
µs
VI(PP) = 5.5 V
25
°C
0.04
()
70
°C
0.04
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
See Figure 2
25
°C
70
nV/
√Hz
VV
C20 F
R1 M
Ω
0
°C
1.3
BOM
Maximum output-swing bandwidth
VO = VOH,
See Figure 1
CL = 20 pF,
RL = 1 MΩ,
25
°C
1
kHz
See Figure 1
70
°C
0.9
0
°C
125
B1
Unity-gain bandwidth
VI = 10 mV,
CL = 20 pF,
See Figure 1
25
°C
110
kHz
70
°C
90
V10 mV
fB
C20 pF
0
°C
40
°
φm
Phase margin
VI = 10 mV,
See Figure 3
f = B1,
CL = 20 pF,
25
°C
38
°
See Figure 3
70
°C
34
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com