Electronic Components Datasheet Search
  English  ▼

X  

TLC2554CD Datasheet(PDF) 27 Page - Texas Instruments

Part # TLC2554CD
Description  5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2554CD Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC2554CD Datasheet HTML 23Page - Texas Instruments TLC2554CD Datasheet HTML 24Page - Texas Instruments TLC2554CD Datasheet HTML 25Page - Texas Instruments TLC2554CD Datasheet HTML 26Page - Texas Instruments TLC2554CD Datasheet HTML 27Page - Texas Instruments TLC2554CD Datasheet HTML 28Page - Texas Instruments TLC2554CD Datasheet HTML 29Page - Texas Instruments TLC2554CD Datasheet HTML 30Page - Texas Instruments TLC2554CD Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
TLC2554, TLC2558
5-V, 12-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS220A –JUNE 1999
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 24
3.7
3.4
3.3
3
–40
25
3.8
3.9
SUPPLY CURRENT
vs
TEMPERATURE
4
85
3.6
3.5
3.2
3.1
TA – Temperature – °C
VCC = 5.5 V,
External Reference = 4 V,
SCLK = 20 MHz,
Single Shot,
Short Sample,
Mode 00
µP mode
Figure 25
0.2
–0.1
–0.2
–0.5
–40
25
0.3
0.4
POWER DOWN CURRENT
vs
TEMPERATURE
0.5
85
0.1
0
–0.3
–0.4
TA – Temperature – °C
VCC = 5.5 V,
External Reference = 4 V,
SCLK = 20 MHz,
Single Shot,
Short Sample,
Mode 00
µP mode
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
0
2048
4096
Samples
INTEGRAL NONLINEARITY
vs
SAMPLES
VCC = 5 V, External Reference = 5 V, SCLK = 20 MHz,
Single Shot, Short Sample, Mode 00 DSP Mode
Figure 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com