Electronic Components Datasheet Search
  English  ▼

X  

LL42 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # LL42
Description  SCHOTTKY BARRIER DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

LL42 Datasheet(HTML) 1 Page - SynSemi, Inc.

  LL42 Datasheet HTML 1Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LL42 - LL43
SCHOTTKY BARRIER DIODES
FEATURES :
• For general purpose applications.
• This diode features very low turn-on voltage and
fast switching. This device is protected by a PN
junction guard ring against excessive voltage, such
as electrostatic discharges
• These diodes are also available in the DO-35
case with type designations BAT42 to BAT43
• Pb / RoHS Free
MECHANICAL DATA :
Case:
MiniMELF Glass Case (SOD-80C)
Weight:
approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Continuous Forward Current
IF
200
(1)
mA
Repetitive Peak Forward Current at tp < 1s,
IFRM
500
(1)
mA
Forward Surge Current at tp < 10 ms,
IFSM
4
(1)
A
Power Dissipation ,Ta = 65 °C
PD
200
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
300
(1)
°C/W
Junction Temperature
TJ
125
°C
Ambient Operating Temperature Range
Ta
-55 to + 125
°C
Storage temperature range
TS
-65 to + 150
°C
Note:
(1) Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics (TJ = 25 °C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
30
-
-
V
Reverse Current
VR = 25 V
-
-
0.5
Pulse Test tp <300
μs , δ <2%
VR = 25 V , TJ = 100 °C
-
-
100
LL42 , LL43
IF = 200mA
-
-
1.00
Forward Voltage
LL42
IF = 10mA
-
-
0.40
Pulse Test tp <300
μs , δ <2%
LL42
IF = 50mA
-
-
0.65
LL43
IF = 2mA
0.26
-
0.33
LL43
IF = 15mA
-
-
0.45
Diode Capacitance
Cd
VR = 1V, f = 1MHz
-7
-
pF
IF = 10mA, IR = 10mA ,
to IR = 1mA, RL = 100 Ω
Page 1 of 1
Rev. 03 : May 8, 2006
-5
ns
Reverse Recovery Time
Trr
-
IR
µA
VF
V
Parameter
Test Condition
IR = 100 μA (pulsed)
Dimensions in inches and ( millimeters )
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.098 (2.50)
Max.
0.079 (2.00)Min.


Similar Part No. - LL42

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL42 DIODES-LL42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS30072 Rev. A-2
logo
General Semiconductor
LL42 GE-LL42 Datasheet
43Kb / 2P
Schottky Diodes
logo
GOOD-ARK Electronics
LL42 GOOD-ARK-LL42 Datasheet
61Kb / 2P
Small-Signal Diode Schottky Diodes
logo
Jinan Jingheng (Group) ...
LL42 JINANJINGHENG-LL42 Datasheet
73Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
EIC discrete Semiconduc...
LL42 EIC-LL42 Datasheet
93Kb / 1P
SCHOTTKY BARRIER DIODES
More results

Similar Description - LL42

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com