Electronic Components Datasheet Search
  English  ▼

X  

LL46 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # LL46
Description  SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

LL46 Datasheet(HTML) 1 Page - SynSemi, Inc.

  LL46 Datasheet HTML 1Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LL46
SCHOTTKY BARRIER DIODE
FEATURES :
• For general purpose applications.
• This diode features very low turn-on voltage and
fast switching. This device is protected by a PN
junction guard ring against excessive voltage, such
as electrostatic discharges
• This diode is also available in the DO-35 case with
type designation BAT46
• Pb / RoHS Free
MECHANICAL DATA :
Case: MiniMELF Glass Case (SOD-80C)
Weight: approx. 0.05g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Continuous Forward Current
IF
150
(1)
mA
Repetitive Peak Forward Current at tp < 1s,
IFRM
350
(1)
mA
Forward Surge Current at tp < 10 ms,
IFSM
750
(1)
mA
Power Dissipation ,Ta = 65
°C
PD
200
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
0.3
(1)
°C/mW
Junction Temperature
TJ
125
°C
Ambient Operating Temperature Range
Ta
-65 to + 125
°C
Storage temperature range
TS
-65 to + 150
°C
Note: (1) Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
100
-
-
V
Reverse Current
VR = 10 V
-
-
0.8
Pulse Test tp <300
µs , δ <2%
VR = 50 V
-
-
2.0
VR = 75 V
-
-
5.0
Forward Voltage
IF = 10mA
-
-
0.45
Pulse Test tp <300
µs , δ <2%
IF = 250mA
-
-
1.00
Diode Capacitance
Cd
VR = 1V, f = 1MHz
-
6
-
pF
Page 1 of 1
Rev. 02 : March 24, 2005
Parameter
VF
IR
V
IR = 100 µA pulses
µA
Test Condition
Dimensions in inches and ( millimeters )
0.142(3.6)
0.134(3.4)
φ 0.063 (1.64)
0.055 (1.40)
0.019(0.48)
0.011(0.28)
Cathode Mark
MiniMELF (SOD-80C)
Mounting Pad Layout
0.049 (1.25)Min.
0.197 (5.00)
REF
0.098 (2.50)
Max.
0.079 (2.00)Min.


Similar Part No. - LL46

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LL46 DIODES-LL46 Datasheet
49Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30074 Rev. A-2
logo
General Semiconductor
LL46 GE-LL46 Datasheet
42Kb / 2P
Schottky Diodes
logo
Vishay Siliconix
LL46 VISHAY-LL46 Datasheet
138Kb / 5P
Small Signal Schottky Diode
21-Nov-06
logo
GOOD-ARK Electronics
LL46 GOOD-ARK-LL46 Datasheet
60Kb / 1P
Small-Signal Diode Schottky Diode
logo
Jinan Jingheng (Group) ...
LL46 JINANJINGHENG-LL46 Datasheet
74Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
More results

Similar Description - LL46

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com