Electronic Components Datasheet Search
  English  ▼

X  

BC373 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC373
Description  High Voltage Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC373 Datasheet(HTML) 2 Page - Motorola, Inc

  BC373 Datasheet HTML 1Page - Motorola, Inc BC373 Datasheet HTML 2Page - Motorola, Inc BC373 Datasheet HTML 3Page - Motorola, Inc BC373 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC372 BC373
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 250 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc)
hFE
8.0
10
—
—
—
160
K
Collector – Emitter Saturation Voltage
(IC = 250 mAdc, IB = 0.25 mAdc)
VCE(sat)
—
1.0
1.1
Vdc
Base – Emitter Saturation Voltage
(IC = 250 mAdc, IB = 0.25 mAdc)
VBE(sat)
—
1.4
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain Bandwidth Product
(IC = 100 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
200
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
10
25
pF
Noise Figure
(IC = 1.0 mAdc, VCE = 5.0 Vdc, Rg = 100 k ohm, f = 1.0 kHz)
NF
—
2.0
—
dB
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2.0%.
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
100 K
1 K
1
IC, COLLECTOR CURRENT (mA)
Figure 2. “Saturation” and “On” Voltages
1.6
1.2
1
0
5
100
10
500
10
100
1000
10 K
TA = 125°C
25
°C
–55
°C
VCE = 5 V
1.4
0.8
0.6
VBE(sat) @ IC/IB = 100
0.2
VBE(on) @ VCE = 5 V
VCE(sat) @ IC/IB = 100
0.4
Figure 3. Current–Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
1000
100
10
VCE = 5 V
TJ = 25°C
0.6
10
1
600
100
Figure 4. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
0.1
100
Cib
100
1
10
Cob



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com