Electronic Components Datasheet Search
  English  ▼

X  

MBR320 Datasheet(PDF) 1 Page - SynSemi, Inc.

Part # MBR320
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.

MBR320 Datasheet(HTML) 1 Page - SynSemi, Inc.

  MBR320 Datasheet HTML 1Page - SynSemi, Inc. MBR320 Datasheet HTML 2Page - SynSemi, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR320 ~ MBR340
SCHOTTKY BARRIER
RECTIFIER DIODES
PRV : 20 - 40 Volts
IO : 3.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* High efficiency
* Low power loss
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
MBR320
MBR330
MBR340
UNIT
Maximum Peak Repetitive Reverse Voltage
VRRM
20
30
40
V
Maximum Working Peak Reverse Voltage
VRMS
20
30
40
V
Maximum DC Blocking Voltage
VDC
20
30
40
V
Maximum Average Forward Current , see Fig.1
IF(AV)
Maximum Non-repetitive Peak Surge Current,
(Surge applied at rated load conditions, Half wave,
single phase 60 Hz, TL = 75
°C)
Maximum Instataneous Forward Voltage at IF = 3.0 A (1)
VF
0.6
V
Maximum Reverse Current at
IR
0.6 (TL = 25
°C)
mA
Rated DC Blocking Voltage (1)
IR(H)
20 (TL = 25
°C)
mA
Junction Temperature Range
TJ
150
°C
Operating and Storage Junction Temperature Range
TJ , TSTG
- 65 to + 150
°C
Note :
(1) Pulse Test : Pulse Width = 300
µs, Duty Cycle = 2%
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
A
A
IFSM
3.0
80
DO-201AD
0.21 (5.33)
0.19 (4.82)
0.375 (9.52)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
* Pb / RoHS Free


Similar Part No. - MBR320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR320 MOTOROLA-MBR320 Datasheet
121Kb / 6P
SCHOTTKY BARRIER RECTIFIERS 3.0 AMPERES 20, 30, 40, 50, 60 VOLTS
logo
Digitron Semiconductors
MBR320 DIGITRON-MBR320 Datasheet
201Kb / 3P
3A SCHOTTKY RECTIFIER
logo
Zibo Seno Electronic En...
MBR320 ZSELEC-MBR320 Datasheet
135Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
Compact Technology Corp...
MBR3200 CTC-MBR3200 Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR3200 PANJIT-MBR3200 Datasheet
70Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR320

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com